công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APA600 bảng dữ liệu(PDF) 14 Page - Microsemi Corporation

tên linh kiện APA600
Giải thích chi tiết về linh kiện  ProASICPLUS Flash Family FPGAs
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APA600 bảng dữ liệu(HTML) 14 Page - Microsemi Corporation

Back Button APA600 Datasheet HTML 10Page - Microsemi Corporation APA600 Datasheet HTML 11Page - Microsemi Corporation APA600 Datasheet HTML 12Page - Microsemi Corporation APA600 Datasheet HTML 13Page - Microsemi Corporation APA600 Datasheet HTML 14Page - Microsemi Corporation APA600 Datasheet HTML 15Page - Microsemi Corporation APA600 Datasheet HTML 16Page - Microsemi Corporation APA600 Datasheet HTML 17Page - Microsemi Corporation APA600 Datasheet HTML 18Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 10
v5.2
Power-Up Sequencing
While ProASICPLUS devices are live at power-up, the order
of VDD and VDDP power-up is important during system
start-up. VDD should be powered up simultaneously with
VDDP on ProASIC
PLUS devices. Failure to follow these
guidelines may result in undesirable pin behavior during
system start-up. For more information, refer to Actel’s
Power-Up Behavior of ProASICPLUS Devices application
note.
LVPECL Input Pads
In addition to standard I/O pads and power pads,
ProASICPLUS devices have a single LVPECL input pad on
both the east and west sides of the device, along with
AVDD and AGND pins to power the PLL block. The
LVPECL pad cell consists of an input buffer (containing a
low voltage differential amplifier) and a signal and its
complement, PPECL (I/P) (PECLN) and NPECL (PECLREF).
The LVPECL input pad cell differs from the standard I/O
cell in that it is operated from VDD only.
Since it is exclusively an input, it requires no output
signal, output enable signal, or output configuration
bits. As a special high-speed differential input, it also
does not require pull ups. Recommended termination for
LVPECL inputs is shown in Figure 1-10. The LVPECL pad
cell compares voltages on the PPECL (I/P) pad (as
illustrated in Figure 1-11) and the NPECL pad and sends
the results to the global MUX (Figure 1-14 on page 1-14).
This high-speed, low-skew output essentially controls the
clock conditioning circuit.
LVPECLs are designed to meet LVPECL JEDEC receiver
standard levels (Table 1-5).
Figure 1-10 • Recommended Termination for LVPECL Inputs
Figure 1-11 • LVPECL High and Low Threshold Values
Table 1-5 •
LVPECL Receiver Specifications
Symbol
Parameter
Min.
Max
Units
VIH
Input High Voltage
1.49
2.72
V
VIL
Input Low Voltage
0.86
2.125
V
VID
Differential Input Voltage
0.3
VDD
V
+
_
PPECL
NPECL
From LVPECL Driver
Data
Z = 50
Ω
0
Z = 50
Ω
0
R = 100
Ω
2.72
2.125
1.49
0.86
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com