công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GCM033 bảng dữ liệu(PDF) 41 Page - Murata Manufacturing Co., Ltd.

tên linh kiện GCM033
Giải thích chi tiết về linh kiện  Chip Monolithic Ceramic Capacitors for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA [Murata Manufacturing Co., Ltd.]
Trang chủ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM033 bảng dữ liệu(HTML) 41 Page - Murata Manufacturing Co., Ltd.

Back Button GCM033 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
Continued from the preceding page.
Continued on the following page.
(a) Preheat at 155
°C for 4 hours. After preheating, immerse the
capacitor in a solution of ethanol (JIS-K-8101) and rosin (JIS-
K-5902) (25% rosin in weight proportion). Immerse in eutectic
solder solution for 5+0/-0.5 seconds at 235
±5°C.
(b) Should be placed into steam aging for 8 hours
±15 minutes.
After preheating, immerse the capacitor in a solution of
ethanol (JIS-K-8101) and rosin (JIS-K-5902) (25% rosin in
weight proportion). Immerse in eutectic solder solution for
5+0/-0.5 seconds at 235
±5°C.
(c) Should be placed into steam aging for 8 hours
±15 minutes.
After preheating, immerse the capacitor in a solution of
ethanol (JIS-K-8101) and rosin (JIS-K-5902) (25% rosin in
weight proportion). Immerse in eutectic solder solution for 120
±5 seconds at 260±5°C.
16
Solderability
95% of the terminations is to be soldered evenly and
continuously.
Per AEC-Q200-002
15
ESD
Appearance
No marking defects
Capacitance
Change
Within the specified tolerance
Q
Q
U1000
I.R.
More than 10,000M
Ω or 500MΩ · µF
(Whichever is smaller)
Fix the capacitor to the supporting jig in the same manner and
under the same conditions as (19). Perform the 300 cycles
according to the two heat treatments listed in the following table
(Maximum transfer time is 20 seconds). Let sit for 24
±2 hours at
room temperature, then measure.
14
Thermal Shock
The measured and observed characteristics should satisfy the
specifications in the following table.
Appearance
No marking defects
Capacitance
Change
Within
±2.5% or ±0.25pF
(Whichever is larger)
Q
Q
U1000
I.R.
More than 10,000M
Ω or 500MΩ · µF
(Whichever is smaller)
Immerse the capacitor in a eutectic solder solution at 260
±5°C for
10
±1 seconds. Let sit at room temperature for 24±2 hours, then
measure.
13
Resistance to
Soldering Heat
The measured and observed characteristics should satisfy the
specifications in the following table.
Appearance
No marking defects
Capacitance
Change
Within the specified tolerance
Q
Q
U1000
I.R.
More than 10,000M
Ω or 500MΩ · µF
(Whichever is smaller)
Solder the capacitor to the test jig (glass epoxy board) in the
same manner and under the same conditions as (19). The
capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 2000Hz. The
frequency range, from 10 to 2000Hz and return to 10Hz, should
be traversed in approximately 20 minutes. This motion should be
applied for 12 items in each 3 mutually perpendicular directions
(total of 36 times).
12
Vibration
Appearance
No defects or abnormalities
Capacitance
Change
Within the specified tolerance
Q
Q
U1000
I.R.
More than 10,000M
Ω or 500MΩ · µF
(Whichever is smaller)
Three shocks in each direction should be applied along 3
mutually perpendicular axes of the test specimen (18 shocks).
The specified test pulse should be Half-sine and should have a
duration: 0.5ms, peak value: 1500g and velocity change: 4.7m/s.
11
Mechanical
Shock
Appearance
No marking defects
Capacitance
Change
Within the specified tolerance
Q
Q
U1000
I.R.
More than 10,000M
Ω or 500MΩ · µF
(Whichever is smaller)
Per MIL-STD-202 Method 215
Solvent 1: 1 part (by volume) of isopropyl alcohol
3 parts (by volume) of mineral spirits
Solvent 2: Terpene defluxer
Solvent 3: 42 parts (by volume) of water
1 part (by volume) of propylene glycol
monomethyl ether
1 part (by volume) of monoethanolomine
10
Resistance
to Solvents
Appearance
No marking defects
Capacitance
Change
Within the specified tolerance
Q
Q
U1000
I.R.
More than 10,000M
Ω or 500MΩ · µF
(Whichever is smaller)
No.
AEC-Q200 Test Method
Specifications
AEC-Q200
Test Item
Step
1
-55+0/-3
15
±3
2
125+3/-0
15
±3
Temp. (
°C)
Time (min.)
Medium Voltage for Automotive GCM Series Low Disspation Factor Specifications and Test Methods
Specifications and Test Methods
42
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com