công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GCM033 bảng dữ liệu(PDF) 6 Page - Murata Manufacturing Co., Ltd.

tên linh kiện GCM033
Giải thích chi tiết về linh kiện  Chip Monolithic Ceramic Capacitors for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA [Murata Manufacturing Co., Ltd.]
Trang chủ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM033 bảng dữ liệu(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button GCM033 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Capacitance Table
5
High Dielectric Constant Type X7R(R7)/X7S(C7)
25
(1E)
0.6x0.3
(03)
<0201>
16
(1C)
10
(1A)
1.0x0.5
(15)
<0402>
100
(2A)
50
(1H)
25
(1E)
16
(1C)
100
(2A)
50
(1H)
1.6x0.8
(18)
<0603>
25
(1E)
16
(1C)
6.3
(0J)
100
(2A)
50
(1H)
35
(YA)
2.0x1.25
(21)
<0805>
25
(1E)
16
(1C)
10
(1A)
6.3
(0J)
100
(2A)
50
(1H)
3.2x1.6
(31)
<1206>
25
(1E)
16
(1C)
10
(1A)
6.3
(0J)
100
(2A)
50
(1H)
3.2x2.5
(32)
<1210>
25
(1E)
16
(1C)
10
(1A)
6.3
(0J)
6
ex.6: T Dimension Part Number Code
3
3
3
3
3
3
3
3
3
3
3
3
3
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
B
6
6
6
6
9
B
B
B
9
B
B
B
B
B
9
B
B
B
B
9
B
B
B
B
B
9
9
B
B
B
B
9
M
M
M
M
M
M
C
M
C
C
C
C
C
D
E
E
D
E
D
E
E
E
LxW
[mm]
Rated Voltage
[Vdc]
Capacitance
100pF(101)
150pF(151)
220pF(221)
330pF(331)
470pF(471)
680pF(681)
1000pF(102)
1500pF(152)
2200pF(222)
3300pF(332)
4700pF(472)
6800pF(682)
10000pF(103)
15000pF(153)
22000pF(223)
33000pF(333)
47000pF(473)
68000pF(683)
0.10
µF(104)
0.15
µF(154)
0.22
µF(224)
0.33
µF(334)
0.47
µF(474)
0.68
µF(684)
1.0
µF(105)
2.2
µF(225)
4.7
µF(475)
10
µF(106)
22
µF(226)
47
µF(476)
The part numbering code is shown in ( ) and Unit is shown in [ ].
< >: EIA [inch] Code
Capacitance Table
7
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com