công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GCM033 bảng dữ liệu(PDF) 20 Page - Murata Manufacturing Co., Ltd.

tên linh kiện GCM033
Giải thích chi tiết về linh kiện  Chip Monolithic Ceramic Capacitors for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA [Murata Manufacturing Co., Ltd.]
Trang chủ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM033 bảng dữ liệu(HTML) 20 Page - Murata Manufacturing Co., Ltd.

Back Button GCM033 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
4. Taping Method
(1) Tapes for capacitors are wound clockwise. The
sprocket holes are to the right as the tape is pulled
toward the user.
(2) Part of the leader and part of the empty tape should
be attached to the end of the tape as follows.
(3) The top tape and base tape are not attached at the
end of the tape for a minimum of 5 pitches.
(4) Missing capacitors number within 0.1% of the number
per reel or 1 pc, whichever is greater, and are not
continuous.
(5) The top tape and bottom tape should not protrude
beyond the edges of the tape and should not cover
sprocket holes.
(6) Cumulative tolerance of sprocket holes, 10 pitches:
±0.3mm.
(7) Peeling off force: 0.1 to 0.6N* in the direction shown
below.
*GCM03: 0.05 to 0.5N
165 t
o 180
˚
Base Tape
Top Tape
Direction of Feed
160 min.
190 min.
210 min.
(Top Tape alone)
(in mm)
Vacant Section Chip-mounting Unit
Vacant Section
Leader unit
Continued from the preceding page.
Dimensions of Bulk Case Packaging
The bulk case uses antistatic materials. Please contact
Murata for details.
2.0
3.0
1.5
110
(in mm)
Package
21
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com