| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430F6776IPZ bảng dữ liệu(PDF) 25 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F6776IPZ bảng dữ liệu(HTML) 25 Page - Texas Instruments |
|
25 / 157 page ![]() ECCN 5E002 TSPA - Technology / Software Publicly Available MSP430F677x MSP430F676x MSP430F674x www.ti.com SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013 Operating Modes The MSP430 has one active mode and six software selectable low-power modes of operation. An interrupt event can wake up the device from any of the five low-power modes, service the request, and restore back to the low- power mode on return from the interrupt program. The following seven operating modes can be configured by software: • Active mode (AM) – All clocks are active • Low-power mode 0 (LPM0) – CPU is disabled – ACLK and SMCLK remain active, MCLK is disabled – FLL loop control remains active • Low-power mode 1 (LPM1) – CPU is disabled – FLL loop control is disabled – ACLK and SMCLK remain active, MCLK is disabled • Low-power mode 2 (LPM2) – CPU is disabled – MCLK and FLL loop control and DCOCLK are disabled – DCO's dc-generator remains enabled – ACLK remains active • Low-power mode 3 (LPM3) – CPU is disabled – MCLK, FLL loop control, and DCOCLK are disabled – DCO's dc-generator is disabled – ACLK remains active • Low-power mode 4 (LPM4) – CPU is disabled – ACLK is disabled – MCLK, FLL loop control, and DCOCLK are disabled – DCO's dc-generator is disabled – Crystal oscillator is stopped – Complete data retention • Low-power mode 3.5 (LPM3.5) – Internal regulator disabled – No RAM retention, Backup RAM retained – I/O pad state retention – RTC clocked by low-frequency oscillator – Wakeup from RST/NMI, RTC_C events, Ports P1 and P2 • Low-power mode 4.5 (LPM4.5) – Internal regulator disabled – No RAM retention, Backup RAM retained – RTC is disabled – I/O pad state retention – Wakeup from RST/NMI, Ports P1 and P2 Copyright © 2012–2013, Texas Instruments Incorporated Submit Documentation Feedback 25 |