công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMC7812SPAPR bảng dữ liệu(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AMC7812SPAPR
Giải thích chi tiết về linh kiện  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAPR bảng dữ liệu(HTML) 50 Page - Texas Instruments

Back Button AMC7812SPAPR Datasheet HTML 46Page - Texas Instruments AMC7812SPAPR Datasheet HTML 47Page - Texas Instruments AMC7812SPAPR Datasheet HTML 48Page - Texas Instruments AMC7812SPAPR Datasheet HTML 49Page - Texas Instruments AMC7812SPAPR Datasheet HTML 50Page - Texas Instruments AMC7812SPAPR Datasheet HTML 51Page - Texas Instruments AMC7812SPAPR Datasheet HTML 52Page - Texas Instruments AMC7812SPAPR Datasheet HTML 53Page - Texas Instruments AMC7812SPAPR Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 92 page
background image
AMC7812
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
www.ti.com
F/S-Mode Protocol
•
The master initiates the data transfer by generating a start condition. The start condition is when a high-to-low
transition occurs on the SDA line while SCL is high, as shown in Figure 2. All I2C-compatible devices must
recognize a start condition.
•
The master then generates the SCL pulses, and transmits the 7-bit address and the read/write direction bit
R/W on the SDA line. During all transmissions, the master ensures that data are valid. A valid data condition
requires the SDA line to be stable during the entire high period of the clock pulse (see Figure 2). All devices
recognize the address sent by the master and compare it to their internal fixed addresses. Only the slave
device with a matching address generates an acknowledge (see Figure 2) by pulling the SDA line low during
the entire high period of the ninth SCL cycle. Upon detecting this acknowledge, the master recognizes that
communication link with a slave has been established.
•
The master generates further SCL cycles to either transmit data to the slave (R/W bit = '1') or receive data
from the slave (R/W bit = '0'). In either case, the receiver must acknowledge the data sent by the transmitter.
Therefore, an acknowledge signal can either be generated by the master or by the slave, depending on which
one is the receiver. The 9-bit valid data sequences consisting of 8-bit data and 1-bit acknowledge can
continue as long as necessary.
•
To signal the end of the data transfer, the master generates a stop condition by pulling the SDA line from low-
to-high while the SCL line is high (see Figure 2). This action releases the bus and stops the communication
link with the addressed slave. All I2C-compatible devices must recognize the stop condition. Upon the receipt
of a stop condition, all devices recognize that the bus is released and wait for a start condition followed by a
matching address.
Hs-Mode Protocol
•
When the bus is idle, both SDA and SCL lines are pulled high by the pull-up devices.
•
The master generates a start condition followed by a valid serial byte containing Hs master code 00001xxx.
This transmission is made in F/S mode at no more than 400 kbps. No device is allowed to acknowledge the
Hs master code, but all devices must recognize it and switch their internal setting to support 3.4 Mbps
operation.
•
The master then generates a repeated start condition (a repeated start condition has the same timing as the
start condition). After this repeated start condition, the protocol is the same as for F/S mode, except that
transmission speeds up to 3.4 Mbps are allowed. A stop condition ends Hs mode and switches all the internal
settings of the slave devices to support F/S mode. Note that instead of using a stop condition, repeated start
conditions should be used to secure the bus in Hs mode.
Address Pointer
The Address Pointer Register of AMC7812 is an 8-bit register. Each register has an address and when it is
accessed, the address pointer points to it. All registers in the AMC7812 are 16-bit, consisting of a high byte
(D15:D8) and a low byte (D7:D0). The high byte is always accessed first, and the low byte accessed second.
When the register is accessed, the entire register is frozen until the operation on the low byte is complete. During
write operation, the new content does not take effect until the low byte is written. In read operation, the whole
register value is frozen until the low byte is read.
The address pointer does not change after the current register is accessed. To change the pointer, the master
issues a slave address byte with the R/W bit low, followed by the Pointer Register byte; no additional data are
required.
Timeout Function
The AMC7812 resets the serial interface if either SCL or SDA are held low for 32.8ms (typical) between a
START and STOP condition. If the AMC7812 is holding the bus low, it will release the bus and wait for a START
condition. To avoid activating the timeout function, it is necessary to maintain a communication speed of at least
1kHz for the SCL operating frequency.
50
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com