| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L151V8 bảng dữ liệu(PDF) 118 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151V8 bảng dữ liệu(HTML) 118 Page - STMicroelectronics |
|
118 / 121 page ![]() Revision history STM32L151x6/8/B, STM32L152x6/8/B 118/121 Doc ID 17659 Rev 8 25-Feb-2011 4 cont’d Updated Table 23: Typical and maximum current consumptions in Standby mode on page 61 (IDD (WU from Standby) instead of (IDD (WU from Stop). Table 24: Typical and maximum timings in Low power modes on page 62: updated condition for Wakeup from Stop mode, regulator in Run mode; updated max values for Wakeup from Stop mode, regulator in low power mode; updated max values for tWUSTDBY. Table 25: Peripheral current consumption on page 63: updated values for column Low power sleep and run; updated Flash values; renamed ADC1 to ADC; updated IDD (LCD) value; updated units; added values for IDD (RTC) and IDD (IWDG); updated footnote 1 and 3; added foot note 2 concerning ADC. Table 26: High-speed external user clock characteristics on page 65: added min value for tw(HSE)/tw(HSE) OSC_IN high or low time; added max value for tr(HSE)/tf(HSE) OSC_IN rise or fall time; updated IL for typ and max values. Table 27: Low-speed external user clock characteristics on page 66: updated max value for IL. Table 28: HSE 1-24 MHz oscillator characteristics on page 68: renamed i2 as IHSE and updated max value; updated max values for IDD(HSE). Table 29: LSE oscillator characteristics (fLSE = 32.768 kHz) on page 69: updated max value for ILSE. Table 30: HSI oscillator characteristics on page 71: updated some min and max values for ACCHSI. Table 32: MSI oscillator characteristics on page 72: updated parameter, typ, and max values for DVOLT(MSI). Table 35: Flash memory and data EEPROM characteristics on page 74: updated typ values for tprog. Table 44: I/O AC characteristics on page 81: updated some max values for 01, 10, and 11; updated min value; updated footnotes. Table 55: ADC accuracy on page 92: updated typ values and some of the test conditions for ENOB, SINAD, SNR, and THD. Table 57: DAC characteristics on page 96: updated footnote 7 and added footnote 8. Updated leakage value in Figure 26: Typical connection diagram using the ADC. Added Figure 27: Maximum dynamic current consumption on VREF+ supply pin during ADC conversion. Added Table 56: RAIN max for fADC = 16 MHz on page 94 Figure 28: Power supply and reference decoupling (VREF+ not connected to VDDA): replaced all 10 nF capacitors with 100 nF capacitors. Figure 29: Power supply and reference decoupling (VREF+ connected to VDDA): replaced 10 nF capacitor with 100 nF capacitor. Table 70. Document revision history (continued) Date Revision Changes |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |