| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L151V8 bảng dữ liệu(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151V8 bảng dữ liệu(HTML) 54 Page - STMicroelectronics |
|
54 / 121 page ![]() Electrical characteristics STM32L151x6/8/B, STM32L152x6/8/B 54/121 Doc ID 17659 Rev 8 6.3.4 Supply current characteristics The current consumption is a function of several parameters and factors such as the operating voltage, ambient temperature, I/O pin loading, device software configuration, operating frequencies, I/O pin switching rate, program location in memory and executed binary code. The current consumption is measured as described in Figure 13: Current consumption measurement scheme. All Run-mode current consumption measurements given in this section are performed with a reduced code that gives a consumption equivalent to Dhrystone 2.1 code. Maximum current consumption The MCU is placed under the following conditions: ● VDD = 3.6 V ● All I/O pins are in input mode with a static value at VDD or VSS (no load) ● All peripherals are disabled except when explicitly mentioned ● The Flash memory access time is adjusted depending on fHCLK frequency and voltage range ● Prefetch and 64-bit access are enabled in configurations with 1 wait state The parameters given in Table 17, Table 14 and Table 15 are derived from tests performed under ambient temperature and VDD supply voltage conditions summarized in Table 14. Table 17. Current consumption in Run mode, code with data processing running from Flash Symbol Parameter Conditions fHCLK Typ Max(1) Unit 55 °C 85 °C 105 °C IDD (Run from Flash) Supply current in Run mode, code executed from Flash fHSE = fHCLK up to 8 MHz, included fHSE = fHCLK/2 above 8 MHz (PLL ON)(2) Range 3, VCORE=1.2 V VOS[1:0] = 11 1 MHz 270 400 400 400 µA 2 MHz 470 600 600 600 4 MHz 890 1025 1025 1025 Range 2, VCORE=1.5 V VOS[1:0] = 10 4 MHz 1 1.3 1.3 1.3 mA 8 MHz 2 2.5 2.5 2.5 16 MHz 3.9 5 5 5 Range 1, VCORE=1.8 V VOS[1:0] = 01 8 MHz 2.16 3 3 3 16 MHz 4.8 5.5 5.5 5.5 32 MHz 9.6 11 11 11 HSI clock source (16 MHz) Range 2, VCORE=1.5 V VOS[1:0] = 10 16 MHz 4 5 5 5 Range 1, VCORE=1.8 V VOS[1:0] = 01 32 MHz 9.4 11 11 11 MSI clock, 65 kHz Range 3, VCORE=1.2 V VOS[1:0] = 11 65 kHz 0.05 0.085 0.09 0.1 MSI clock, 524 kHz 524 kHz 0.15 0.185 0.19 0.2 MSI clock, 4.2 MHz 4.2 MHz 0.9 1 1 1 1. Based on characterization, not tested in production, unless otherwise specified. 2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register). |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |