| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L151V8 bảng dữ liệu(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151V8 bảng dữ liệu(HTML) 79 Page - STMicroelectronics |
|
79 / 121 page ![]() STM32L151x6/8/B, STM32L152x6/8/B Electrical characteristics Doc ID 17659 Rev 8 79/121 6.3.12 I/O port characteristics General input/output characteristics Unless otherwise specified, the parameters given in Table 42 are derived from tests performed under conditions summarized in Table 14. All I/Os are CMOS and TTL compliant. Table 42. I/O static characteristics Symbol Parameter Conditions Min Typ Max Unit VIL Input low level voltage TTL ports 2.7 V ≤ VDD≤ 3.6 V VSS - 0.3 0.8 V VIH Standard I/O input high level voltage 2(1) VDD+0.3 FT(2) I/O input high level voltage 5.5V VIL Input low level voltage CMOS ports 1.65 V ≤ VDD≤ 3.6 V –0.3 0.3VDD (3) VIH Standard I/O Input high level voltage CMOS ports 1.65 V ≤ VDD≤ 3.6 V 0.7 VDD (3)(4) VDD+0.3 FT(5) I/O input high level voltage CMOS ports 1.65 V ≤ VDD≤ 2.0 V 5.25 CMOS ports 2.0 V ≤ VDD≤ 3.6 V 5.5 Vhys Standard I/O Schmitt trigger voltage hysteresis(6) 10% VDD (7) Ilkg Input leakage current (8)(3) VSS ≤ VIN ≤ VDD I/Os with LCD ±50 nA VSS ≤ VIN ≤ VDD I/Os with analog switches ±50 VSS ≤ VIN ≤ VDD I/Os with analog switches and LCD ±50 VSS ≤ VIN ≤ VDD I/Os with USB TBD VSS ≤ VIN ≤ VDD Standard I/Os ±50 RPU Weak pull-up equivalent resistor(9)(3) VIN = VSS 30 45 60 k Ω RPD Weak pull-down equivalent resistor(9)(3) VIN = VDD 30 45 60 k Ω CIO I/O pin capacitance 5 pF 1. Guaranteed by design. 2. FT = 5V tolerant. To sustain a voltage higher than VDD +0.5 the internal pull-up/pull-down resistors must be disabled. 3. Tested in production 4. 0.7VDD for 5V-tolerant receiver 5. FT = Five-volt tolerant. 6. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization, not tested in production. 7. With a minimum of 200 mV. Based on characterization, not tested in production. 8. The max. value may be exceeded if negative current is injected on adjacent pins. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |