| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8T143 bảng dữ liệu(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8T143 bảng dữ liệu(HTML) 35 Page - STMicroelectronics |
|
35 / 65 page ![]() DocID18315 Rev 6 35/65 STM8T143 Typical application diagram 64 Figure 19. Typical application schematic for Data streaming mode 1. RX is optional for added ESD protection 2. Open drain output pin 3. Keep track as short as possible 4. CVDD is optional for added IC stability 5. Please refer to Table 8: Current characteristics for the maximum output load drive current capability |