| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8T143 bảng dữ liệu(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8T143 bảng dữ liệu(HTML) 59 Page - STMicroelectronics |
|
59 / 65 page ![]() DocID18315 Rev 6 59/65 STM8T143 STM8T143 programming tool 64 12 STM8T143 programming tool Figure 29 shows the STM8T143 programming tool. To program the device option bytes the following materials are available: • Programming socket board (STM8T14X-SB). When connected to the programming dongle, this board allows the programming of SO8 or UFDFPN8 devices. • A programming dongle (ST-TSLINK) and its associated programming software, STVP. Figure 29. STM8T143 programming tool Programming socket board (STM8T14X-SB) Programming dongle (ST-TSLINK) Table 30. Ordering information Part number Order codes Description ST-TSLINK ST-TSLINK STM8T143 programming dongle STM8T14X-SB STM8T14X-SB STM8T143 socket board |