công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908GR4MP bảng dữ liệu(PDF) 399 Page - Freescale Semiconductor, Inc

tên linh kiện MC68HC908GR4MP
Giải thích chi tiết về linh kiện  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP bảng dữ liệu(HTML) 399 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 395Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 396Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 397Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 398Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 399Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 400Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 401Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 402Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 403Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 408 page
background image
Glossary
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Glossary
399
illegal address — An address not within the memory map
illegal opcode — A nonexistent opcode.
I — The interrupt mask bit in the condition code register of the CPU08. When I is set, all interrupts
are disabled.
index register (H:X) — A 16-bit register in the CPU08. The upper byte of H:X is called H. The
lower byte is called X. In the indexed addressing modes, the CPU uses the contents of
H:X to determine the effective address of the operand. H:X can also serve as a temporary
data storage location.
input/output (I/O) — Input/output interfaces between a computer system and the external world.
A CPU reads an input to sense the level of an external signal and writes to an output to
change the level on an external signal.
instructions — Operations that a CPU can perform. Instructions are expressed by programmers
as assembly language mnemonics. A CPU interprets an opcode and its associated
operand(s) and instruction.
interrupt — A temporary break in the sequential execution of a program to respond to signals
from peripheral devices by executing a subroutine.
interrupt request — A signal from a peripheral to the CPU intended to cause the CPU to
execute a subroutine.
I/O — See “input/output (I/0).”
IRQ — See "external interrupt module (IRQ)."
jitter — Short-term signal instability.
latch — A circuit that retains the voltage level (logic 1 or logic 0) written to it for as long as power
is applied to the circuit.
latency — The time lag between instruction completion and data movement.
least significant bit (LSB) — The rightmost digit of a binary number.
logic 1 — A voltage level approximately equal to the input power voltage (V
DD).
logic 0 — A voltage level approximately equal to the ground voltage (V
SS).
low byte — The least significant eight bits of a word.
low voltage inhibit module (LVI) — A module in the M68HC08 Family that monitors power
supply voltage.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com