công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908GR4MP bảng dữ liệu(PDF) 396 Page - Freescale Semiconductor, Inc

tên linh kiện MC68HC908GR4MP
Giải thích chi tiết về linh kiện  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP bảng dữ liệu(HTML) 396 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 392Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 393Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 394Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 395Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 396Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 397Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 398Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 399Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 400Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 408 page
background image
Glossary
Technical Data
MC68HC908GR8 — Rev 4.0
396
Glossary
MOTOROLA
branch instruction — An instruction that causes the CPU to continue processing at a memory
location other than the next sequential address.
break module — A module in the M68HC08 Family. The break module allows software to halt
program execution at a programmable point in order to enter a background routine.
breakpoint — A number written into the break address registers of the break module. When a
number appears on the internal address bus that is the same as the number in the break
address registers, the CPU executes the software interrupt instruction (SWI).
break interrupt — A software interrupt caused by the appearance on the internal address bus
of the same value that is written in the break address registers.
bus — A set of wires that transfers logic signals.
bus clock — The bus clock is derived from the CGMOUT output from the CGM. The bus clock
frequency, fop, is equal to the frequency of the oscillator output, CGMXCLK, divided by
four.
byte — A set of eight bits.
C — The carry/borrow bit in the condition code register. The CPU08 sets the carry/borrow bit
when an addition operation produces a carry out of bit 7 of the accumulator or when a
subtraction operation requires a borrow. Some logical operations and data manipulation
instructions also clear or set the carry/borrow bit (as in bit test and branch instructions and
shifts and rotates).
CCR — See “condition code register.”
central processor unit (CPU) — The primary functioning unit of any computer system. The
CPU controls the execution of instructions.
CGM — See “clock generator module (CGM).”
clear — To change a bit from logic 1 to logic 0; the opposite of set.
clock — A square wave signal used to synchronize events in a computer.
clock generator module (CGM) — A module in the M68HC08 Family. The CGM generates a
base clock signal from which the system clocks are derived. The CGM may include a
crystal oscillator circuit and or phase-locked loop (PLL) circuit.
comparator — A device that compares the magnitude of two inputs. A digital comparator defines
the equality or relative differences between two binary numbers.
computer operating properly module (COP) — A counter module in the M68HC08 Family that
resets the MCU if allowed to overflow.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com