công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908GR4MP bảng dữ liệu(PDF) 398 Page - Freescale Semiconductor, Inc

tên linh kiện MC68HC908GR4MP
Giải thích chi tiết về linh kiện  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP bảng dữ liệu(HTML) 398 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 394Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 395Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 396Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 397Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 398Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 399Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 400Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 401Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 402Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 408 page
background image
Glossary
Technical Data
MC68HC908GR8 — Rev 4.0
398
Glossary
MOTOROLA
direct memory access module (DMA) — A M68HC08 Family module that can perform data
transfers between any two CPU-addressable locations without CPU intervention. For
transmitting or receiving blocks of data to or from peripherals, DMA transfers are faster
and more code-efficient than CPU interrupts.
DMA — See "direct memory access module (DMA)."
DMA service request — A signal from a peripheral to the DMA module that enables the DMA
module to transfer data.
duty cycle — A ratio of the amount of time the signal is on versus the time it is off. Duty cycle is
usually represented by a percentage.
EEPROM — Electrically erasable, programmable, read-only memory. A nonvolatile type of
memory that can be electrically reprogrammed.
EPROM — Erasable, programmable, read-only memory. A nonvolatile type of memory that can
be erased by exposure to an ultraviolet light source and then reprogrammed.
exception — An event such as an interrupt or a reset that stops the sequential execution of the
instructions in the main program.
external interrupt module (IRQ) — A module in the M68HC08 Family with both dedicated
external interrupt pins and port pins that can be enabled as interrupt pins.
fetch — To copy data from a memory location into the accumulator.
firmware — Instructions and data programmed into nonvolatile memory.
free-running counter — A device that counts from zero to a predetermined number, then rolls
over to zero and begins counting again.
full-duplex transmission — Communication on a channel in which data can be sent and
received simultaneously.
H — The upper byte of the 16-bit index register (H:X) in the CPU08.
H — The half-carry bit in the condition code register of the CPU08. This bit indicates a carry from
the low-order four bits of the accumulator value to the high-order four bits. The half-carry
bit is required for binary-coded decimal arithmetic operations. The decimal adjust
accumulator (DAA) instruction uses the state of the H and C bits to determine the
appropriate correction factor.
hexadecimal — Base 16 numbering system that uses the digits 0 through 9 and the letters A
through F.
high byte — The most significant eight bits of a word.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com