công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908GR4MP bảng dữ liệu(PDF) 397 Page - Freescale Semiconductor, Inc

tên linh kiện MC68HC908GR4MP
Giải thích chi tiết về linh kiện  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP bảng dữ liệu(HTML) 397 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 393Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 394Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 395Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 396Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 397Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 398Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 399Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 400Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 401Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 408 page
background image
Glossary
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Glossary
397
condition code register (CCR) — An 8-bit register in the CPU08 that contains the interrupt
mask bit and five bits that indicate the results of the instruction just executed.
control bit — One bit of a register manipulated by software to control the operation of the
module.
control unit — One of two major units of the CPU. The control unit contains logic functions that
synchronize the machine and direct various operations. The control unit decodes
instructions and generates the internal control signals that perform the requested
operations. The outputs of the control unit drive the execution unit, which contains the
arithmetic logic unit (ALU), CPU registers, and bus interface.
COP — See "computer operating properly module (COP)."
counter clock — The input clock to the TIM counter. This clock is the output of the TIM
prescaler.
CPU — See “central processor unit (CPU).”
CPU08 — The central processor unit of the M68HC08 Family.
CPU clock — The CPU clock is derived from the CGMOUT output from the CGM. The CPU
clock frequency is equal to the frequency of the oscillator output, CGMXCLK, divided by
four.
CPU cycles — A CPU cycle is one period of the internal bus clock, normally derived by dividing
a crystal oscillator source by two or more so the high and low times will be equal. The
length of time required to execute an instruction is measured in CPU clock cycles.
CPU registers — Memory locations that are wired directly into the CPU logic instead of being
part of the addressable memory map. The CPU always has direct access to the
information in these registers. The CPU registers in an M68HC08 are:
•
A (8-bit accumulator)
•
H:X (16-bit index register)
•
SP (16-bit stack pointer)
•
PC (16-bit program counter)
•
CCR (condition code register containing the V, H, I, N, Z, and C
bits)
CSIC — customer-specified integrated circuit
cycle time — The period of the operating frequency: t
CYC =1/fOP.
decimal number system — Base 10 numbering system that uses the digits zero through nine.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com