công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 254 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 254 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 250Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 251Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 252Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 253Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 254Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 255Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 256Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 257Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 258Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 341 page
background image
Chapter 16 Timer/PWM Module (S08TPMV3)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
250
Freescale Semiconductor
Reset clears the TPM counter registers. Writing any value to TPMxCNTH or TPMxCNTL also clears the
TPM counter (TPMxCNTH:TPMxCNTL) and resets the coherency mechanism, regardless of the data
involved in the write.
When BDM is active, the timer counter is frozen (this is the value that will be read by user); the coherency
mechanism is frozen such that the buffer latches remain in the state they were in when the BDM became
active, even if one or both counter halves are read while BDM is active. This assures that if the user was
in the middle of reading a 16-bit register when BDM became active, it will read the appropriate value from
the other half of the 16-bit value after returning to normal execution.
In BDM mode, writing any value to TPMxSC, TPMxCNTH or TPMxCNTL registers resets the read
coherency mechanism of the TPMxCNTH:L registers, regardless of the data involved in the write.
16.3.3
TPM Counter Modulo Registers (TPMxMODH:TPMxMODL)
The read/write TPM modulo registers contain the modulo value for the TPM counter. After the TPM
counter reaches the modulo value, the TPM counter resumes counting from 0x0000 at the next clock, and
the overflow flag (TOF) becomes set. Writing to TPMxMODH or TPMxMODL inhibits the TOF bit and
overflow interrupts until the other byte is written. Reset sets the TPM counter modulo registers to 0x0000
which results in a free running timer counter (modulo disabled).
Writing to either byte (TPMxMODH or TPMxMODL) latches the value into a buffer and the registers are
updated with the value of their write buffer according to the value of CLKSB:CLKSA bits, so:
•
If (CLKSB:CLKSA = 0:0), then the registers are updated when the second byte is written
•
If (CLKSB:CLKSA not = 0:0), then the registers are updated after both bytes were written, and the
TPM counter changes from (TPMxMODH:TPMxMODL - 1) to (TPMxMODH:TPMxMODL). If
the TPM counter is a free-running counter, the update is made when the TPM counter changes from
0xFFFE to 0xFFFF
The latching mechanism may be manually reset by writing to the TPMxSC address (whether BDM is
active or not).
76543210
R
Bit 15
14
13
12
11
10
9
Bit 8
W
Any write to TPMxCNTH clears the 16-bit counter
Reset
00000000
Figure 16-8. TPM Counter Register High (TPMxCNTH)
76543210
R
Bit 7
654321
Bit 0
W
Any write to TPMxCNTL clears the 16-bit counter
Reset
00000000
Figure 16-9. TPM Counter Register Low (TPMxCNTL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com