công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 256 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 256 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 252Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 253Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 254Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 255Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 256Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 257Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 258Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 259Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 260Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 341 page
background image
Chapter 16 Timer/PWM Module (S08TPMV3)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
252
Freescale Semiconductor
Table 16-6. TPMxCnSC Field Descriptions
Field
Description
7
CHnF
Channel n flag. When channel n is an input-capture channel, this read/write bit is set when an active edge occurs
on the channel n pin. When channel n is an output compare or edge-aligned/center-aligned PWM channel, CHnF
is set when the value in the TPM counter registers matches the value in the TPM channel n value registers. When
channel n is an edge-aligned/center-aligned PWM channel and the duty cycle is set to 0% or 100%, CHnF will
not be set even when the value in the TPM counter registers matches the value in the TPM channel n value
registers.
A corresponding interrupt is requested when CHnF is set and interrupts are enabled (CHnIE = 1). Clear CHnF by
reading TPMxCnSC while CHnF is set and then writing a logic 0 to CHnF. If another interrupt request occurs
before the clearing sequence is complete, the sequence is reset so CHnF remains set after the clear sequence
completed for the earlier CHnF. This is done so a CHnF interrupt request cannot be lost due to clearing a previous
CHnF.
Reset clears the CHnF bit. Writing a logic 1 to CHnF has no effect.
0 No input capture or output compare event occurred on channel n
1 Input capture or output compare event on channel n
6
CHnIE
Channel n interrupt enable. This read/write bit enables interrupts from channel n. Reset clears CHnIE.
0 Channel n interrupt requests disabled (use for software polling)
1 Channel n interrupt requests enabled
5
MSnB
Mode select B for TPM channel n. When CPWMS=0, MSnB=1 configures TPM channel n for edge-aligned PWM
mode. Refer to the summary of channel mode and setup controls in Table 16-7.
4
MSnA
Mode select A for TPM channel n. When CPWMS=0 and MSnB=0, MSnA configures TPM channel n for
input-capture mode or output compare mode. Refer to Table 16-7 for a summary of channel mode and setup
controls.
Note: If the associated port pin is not stable for at least two bus clock cycles before changing to input capture
mode, it is possible to get an unexpected indication of an edge trigger.
3–2
ELSnB
ELSnA
Edge/level select bits. Depending upon the operating mode for the timer channel as set by CPWMS:MSnB:MSnA
and shown in Table 16-7, these bits select the polarity of the input edge that triggers an input capture event, select
the level that will be driven in response to an output compare match, or select the polarity of the PWM output.
Setting ELSnB:ELSnA to 0:0 configures the related timer pin as a general purpose I/O pin not related to any timer
functions. This function is typically used to temporarily disable an input capture channel or to make the timer pin
available as a general purpose I/O pin when the associated timer channel is set up as a software timer that does
not require the use of a pin.
Table 16-7. Mode, Edge, and Level Selection
CPWMS
MSnB:MSnA
ELSnB:ELSnA
Mode
Configuratio
X
XX
00
Pin not used for TPM - revert to general
purpose I/O or other peripheral control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com