công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 257 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 257 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 253Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 254Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 255Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 256Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 257Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 258Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 259Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 260Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 261Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 341 page
background image
Chapter 16 Timer/PWM Module (S08TPMV3)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
253
16.3.5
TPM Channel Value Registers (TPMxCnVH:TPMxCnVL)
These read/write registers contain the captured TPM counter value of the input capture function or the
output compare value for the output compare or PWM functions. The channel registers are cleared by
reset.
In input capture mode, reading either byte (TPMxCnVH or TPMxCnVL) latches the contents of both bytes
into a buffer where they remain latched until the other half is read. This latching mechanism also resets
0
00
01
Input capture
Capture on rising edge
only
10
Capture on falling edge
only
11
Capture on rising or
falling edge
01
01
Output compare
Toggle output on
compare
10
Clear output on
compare
11
Set output on compare
1X
10
Edge-aligned
PWM
High-true pulses (clear
output on compare)
X1
Low-true pulses (set
output on compare)
1
XX
10
Center-aligned
PWM
High-true pulses (clear
output on compare-up)
X1
Low-true pulses (set
output on compare-up)
76543210
R
Bit 15
14
13
12
11
10
9
Bit 8
W
Reset
00000000
Figure 16-13. TPM Channel Value Register High (TPMxCnVH)
76543210
R
Bit 7
654321
Bit 0
W
Reset
00000000
Figure 16-14. TPM Channel Value Register Low (TPMxCnVL)
Table 16-7. Mode, Edge, and Level Selection
CPWMS
MSnB:MSnA
ELSnB:ELSnA
Mode
Configuratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com