công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 253 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 253 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 249Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 250Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 251Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 252Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 253Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 254Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 255Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 256Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 257Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 341 page
background image
Chapter 16 Timer/PWM Module (S08TPMV3)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
249
16.3.2
TPM-Counter Registers (TPMxCNTH:TPMxCNTL)
The two read-only TPM counter registers contain the high and low bytes of the value in the TPM counter.
Reading either byte (TPMxCNTH or TPMxCNTL) latches the contents of both bytes into a buffer where
they remain latched until the other half is read. This allows coherent 16-bit reads in either big-endian or
little-endian order which makes this more friendly to various compiler implementations. The coherency
mechanism is automatically restarted by an MCU reset or any write to the timer status/control register
(TPMxSC).
4–3
CLKS[B:A]
Clock source selects. As shown in Table 16-4, this 2-bit field is used to disable the TPM system or select one of
three clock sources to drive the counter prescaler. The fixed system clock source is only meaningful in systems
with a PLL-based or FLL-based system clock. When there is no PLL or FLL, the fixed-system clock source is the
same as the bus rate clock. The external source is synchronized to the bus clock by TPM module, and the fixed
system clock source (when a PLL or FLL is present) is synchronized to the bus clock by an on-chip
synchronization circuit. When a PLL or FLL is present but not enabled, the fixed-system clock source is the same
as the bus-rate clock.
2–0
PS[2:0]
Prescale factor select. This 3-bit field selects one of 8 division factors for the TPM clock input as shown in
Table 16-5. This prescaler is located after any clock source synchronization or clock source selection so it affects
the clock source selected to drive the TPM system. The new prescale factor will affect the clock source on the
next system clock cycle after the new value is updated into the register bits.
Table 16-4. TPM-Clock-Source Selection
CLKSB:CLKSA
TPM Clock Source to Prescaler Input
00
No clock selected (TPM counter disable)
01
Bus rate clock
10
Fixed system clock
11
External source
Table 16-5. Prescale Factor Selection
PS2:PS1:PS0
TPM Clock Source Divided-by
000
1
001
2
010
4
011
8
100
16
101
32
110
64
111
128
Table 16-3. TPMxSC Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com