công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 251 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 251 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 247Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 248Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 249Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 250Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 251Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 252Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 253Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 254Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 255Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 341 page
background image
Chapter 16 Timer/PWM Module (S08TPMV3)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
247
When the TPM is configured for center-aligned PWM (and ELSnB:ELSnA not = 0:0), the data direction
for all channels in this TPM are overridden, the TPMxCHn pins are forced to be outputs controlled by the
TPM, and the ELSnA bits control the polarity of each TPMxCHn output. If ELSnB:ELSnA=1:0, the
corresponding TPMxCHn pin is cleared when the timer counter is counting up, and the channel value
register matches the timer counter; the TPMxCHn pin is set when the timer counter is counting down, and
the channel value register matches the timer counter. If ELSnA=1, the corresponding TPMxCHn pin is set
when the timer counter is counting up and the channel value register matches the timer counter; the
TPMxCHn pin is cleared when the timer counter is counting down and the channel value register matches
the timer counter.
Figure 16-5. High-True Pulse of a Center-Aligned PWM
Figure 16-6. Low-True Pulse of a Center-Aligned PWM
CHnF BIT
TOF BIT
...
78
76
5
4
321
0
12
34
56
78
76
5
...
TPMxMODH:TPMxMODL = 0x0008
TPMxCnVH:TPMxCnVL = 0x0005
TPMxCNTH:TPMxCNTL
TPMxCHn
CHnF BIT
TOF BIT
...
78
76
5
4
321
0
12
34
56
78
76
5
...
TPMxMODH:TPMxMODL = 0x0008
TPMxCnVH:TPMxCnVL = 0x0005
TPMxCNTH:TPMxCNTL
TPMxCHn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com