công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08SH4MPJR bảng dữ liệu(PDF) 248 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08SH4MPJR
Giải thích chi tiết về linh kiện  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR bảng dữ liệu(HTML) 248 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 244Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 245Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 246Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 247Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 248Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 249Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 250Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 251Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 252Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 341 page
background image
Chapter 16 Timer/PWM Module (S08TPMV3)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
244
Freescale Semiconductor
The TPM channels are programmable independently as input capture, output compare, or edge-aligned
PWM channels. Alternately, the TPM can be configured to produce CPWM outputs on all channels. When
the TPM is configured for CPWMs, the counter operates as an up/down counter; input capture, output
compare, and EPWM functions are not practical.
If a channel is configured as input capture, an internal pullup device may be enabled for that channel. The
details of how a module interacts with pin controls depends upon the chip implementation because the I/O
pins and associated general purpose I/O controls are not part of the module. Refer to the discussion of the
I/O port logic in a full-chip specification.
Because center-aligned PWMs are usually used to drive 3-phase AC-induction motors and brushless DC
motors, they are typically used in sets of three or six channels.
16.2 Signal Description
Table 16-2 shows the user-accessible signals for the TPM. The number of channels may be varied from
one to eight. When an external clock is included, it can be shared with the same pin as any TPM channel;
however, it could be connected to a separate input pin. Refer to the I/O pin descriptions in full-chip
specification for the specific chip implementation.
Refer to documentation for the full-chip for details about reset states, port connections, and whether there
is any pullup device on these pins.
TPM channel pins can be associated with general purpose I/O pins and have passive pullup devices which
can be enabled with a control bit when the TPM or general purpose I/O controls have configured the
associated pin as an input. When no TPM function is enabled to use a corresponding pin, the pin reverts
to being controlled by general purpose I/O controls, including the port-data and data-direction registers.
Immediately after reset, no TPM functions are enabled, so all associated pins revert to general purpose I/O
control.
16.2.1
Detailed Signal Descriptions
This section describes each user-accessible pin signal in detail. Although Table 16-2 grouped all channel
pins together, any TPM pin can be shared with the external clock source signal. Since I/O pin logic is not
part of the TPM, refer to full-chip documentation for a specific derivative for more details about the
interaction of TPM pin functions and general purpose I/O controls including port data, data direction, and
pullup controls.
Table 16-2. Signal Properties
Name
Function
EXTCLK1
1 When preset, this signal can share any channel pin; however depending upon full-chip
implementation, this signal could be connected to a separate external pin.
External clock source which may be selected to drive the TPM counter.
TPMxCHn2
2 n=channel number (1 to 8)
I/O pin associated with TPM channel n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com