| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M68040 bảng dữ liệu(PDF) 13 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68040 bảng dữ liệu(HTML) 13 Page - Freescale Semiconductor, Inc |
|
13 / 442 page ![]() MOTOROLA M68040 USER’S MANUAL xv TABLE OF CONTENTS (Continued) Paragraph Page Number Title Number B.4 Special Modes Of Operation .................................................................B-8 B.5 Exception Processing............................................................................ B-10 B.5.1 Unimplemented Floating-Point Instructions and Exceptions ............. B-10 B.5.2 MC68EC040 Stack Frames ...............................................................B-11 B.6 Software Considerations .......................................................................B-12 B.7 MC68EC040 Electrical Characteristics ................................................. B-12 B.7.1 Maximum Ratings ..............................................................................B-12 B.7.2 Thermal Characteristics .....................................................................B-12 B.7.3 DC Electrical Specifications ...............................................................B-13 B.7.4 Power Dissipation ..............................................................................B-13 B.7.5 Clock AC Timing Specifications .........................................................B-14 B.7.6 Output AC Timing Specifications ....................................................... B-15 B.7.7 Input AC Timing Specifications..........................................................B-16 Appendix C MC68040V and MC68EC040V C.1 Additional Signals.................................................................................. C-1 C.1.1 Low Frequency Operation (LFO) .......................................................C-2 C.1.2 Loss of Clock (LOC) .......................................................................... C-2 C.1.3 System Clock Disable (SCD)............................................................. C-2 C.2 Low-Power Stop Mode ..........................................................................C-3 C.2.1 Bus Arbitration and Snooping ............................................................C-5 C.2.2 Low Frequency Operation ................................................................. C-5 C.2.3 Changing BCLK Frequency ...............................................................C-5 C.2.4 LPSTOP Instruction Summary ..........................................................C-6 C.3 Clocking During Normal Operation .......................................................C-7 C.4 Reset Operation ....................................................................................C-7 C.5 Power Cycling .......................................................................................C-9 C.6 MC68040V and MC68EC040V JTAG (Preliminary) .............................. C-10 C.6.1 Instruction Shift Register ...................................................................C-11 C.6.1.1 EXTEST .........................................................................................C-12 C.6.1.2 HIGHZ ............................................................................................C-12 C.6.1.3 SAMPLE/PRELOAD ...................................................................... C-12 C.6.1.4 CLAMP........................................................................................... C-12 C.6.1.5 BYPASS......................................................................................... C-13 C.6.2 Boundary Scan Register.................................................................... C-13 C.6.3 Restrictions ........................................................................................C-16 C.6.4 Disabling The IEEE Standard 1149.1A Operation............................. C-16 C.6.5 MC68040V and MC68EC040V JTAG Electrical Characteristics ....... C-17 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |