công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M68040 bảng dữ liệu(PDF) 38 Page - Freescale Semiconductor, Inc

tên linh kiện M68040
Giải thích chi tiết về linh kiện  Freescale Semiconductor, Inc.
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68040 bảng dữ liệu(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button M68040 Datasheet HTML 34Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 35Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 36Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 37Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 38Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 39Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 40Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 41Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 442 page
background image
MOTOROLA
M68040 USER’S MANUAL
1- 17
Table 1-4. Instruction Set Summary (Continued)
Opcode
Operation
Syntax
FNEG 2
–(Source) ø FPn
FNEG.<fmt> <ea>,FPn
FNEG.X FPm,FPn
FNEG.X FPn
FrNEG.<fmt> <ea>,FPn3
FrNEG.X FPm,FPn3
FrNEG.X FPn 3
FNOP 2
None
FNOP
FRESTORE 2
If in supervisor state
then FPU State Frame ø Internal State
else TRAP
FRESTORE <ea>
FSAVE 2
If in supervisor state
then FPU Internal State ø State Frame
else TRAP
FSAVE <ea>
FScc 2
If condition true
then 1s ø Destination
else 0s ø Destination
FScc.SIZE <ea>
FSGLDIV
FPn
÷ Source ø FPn
FSGLDIV.<fmt> <ea>,FPn
FSGLDIV.X FPm,FPn
FSGLMUL
Source
× FPn ø FPn
FSGMUL.<fmt> <ea>,FPn
FSGLMUL.X FPm, FPn
FSQRT2
Square Root of Source ø FPn
FSQRT.<fmt> <ea>,FPn
FSQRT.X FPm,FPn
FSQRT.X FPn
FrSQRT.<fmt> <ea>,FPn3
FrSQRT FPm,FPn3
FrSQRT FPn3
FSUB2
FPn – Source ø FPn
FSUB.<fmt> <ea>,FPn
FSUB.X FPm,FPn
FrSUB.<fmt> <ea>,FPn3
FrSUB.X FPm,FPn3
FTRAPcc2
If condition true
then TRAP
FTRAPcc
FTRAPcc.W #<data>
FTRAPcc.L #<data>
FTST2
Condition Codes for Operand ø FPCC
FTST.<fmt> <ea>
FTST.X FPm
ILLEGAL
SSP – 2 ø SSP; Vector Offset ø (SSP);
SSP – 4 ø SSP; PC ø (SSP);
SSp – 2 ø SSP; SR ø (SSP);
Illegal Instruction Vector Address ø PC
ILLEGAL
JMP
Destination Address ø PC
JMP <ea>
JSR
SP – 4 ø SP; PC ø (SP)
Destination Address ø PC
JSR <ea>
LEA
<ea> ø An
LEA <ea>,An
LINK
SP – 4 ø SP; An ø(SP)
SP ø An, SP+d øSP
LINK An,dn
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com