công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M68040 bảng dữ liệu(PDF) 80 Page - Freescale Semiconductor, Inc

tên linh kiện M68040
Giải thích chi tiết về linh kiện  Freescale Semiconductor, Inc.
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68040 bảng dữ liệu(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button M68040 Datasheet HTML 76Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 77Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 78Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 79Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 80Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 81Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 82Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 83Page - Freescale Semiconductor, Inc M68040 Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 442 page
background image
MOTOROLA
M68040 USER'S MANUAL
3- 31
instruction, and the stacked FA points to the first longword in the missing page. When an
ATC access error occurs while prefetching the next instruction on the non-existant page
after a change of flow instruction, the exception should be cleared by execution of the new
instruction flow. Either avoid this scenario, or have a dummy resident page following the
exceptional instruction.
Figure 3-22 illustrates a general flowchart for address translation. The top branch of the
flowchart applies to transparent translation. The bottom three branches apply to ATC
translation.
3.6 MMU EFFECT ON
RSTI ANDMDIS
The following paragraphs describe MMU effects on the RSTI and MDIS pins.
3.6.1 Effect of
RSTIon the MMUs
When the M68040 is reset by the assertion of the reset input signal, the E-bits of the TCR
and TTRs are cleared, disabling address translation. This reset causes logical addresses
to be passed through as physical addresses, allowing an operating system to set up the
translation tables and MMU registers as required. After the translation tables and registers
are initialized, the E-bit of the TCR can be set, enabling paged address translation. While
address translation is disabled, the attribute bits for an access that an ATC entry or a TTR
normally supplies are zero, selecting write-through cachable mode, no write protection,
and user page attribute bits cleared. RSTI does not affect the P-bit of the TCR.
A reset of the processor does not invalidate any entries in the ATCs or alter the page size.
A PFLUSH instruction must be executed to flush all existing valid entries from the ATCs
after a reset operation and before translation is enabled. PFLUSH can be executed even if
the E-bit is cleared.
3.6.2 Effect of
MDIS on Address Translation
The assertion of MDIS prevents the MMUs from performing ATC searches and the
execution unit from performing table searches. With address translation disabled, logical
addresses are used as physical addresses. MDIS disables the MMUs on the next internal
access boundary when asserted and enables the MMUs on the next boundary after the
signal is negated. The assertion of this signal does not affect the operation of the
transparent translation registers or execution of the PFLUSH or PTEST instructions.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com