| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC06E8-2S. bảng dữ liệu(PDF) 8 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
PC06E8-2S. bảng dữ liệu(HTML) 8 Page - Amphenol Corporation |
|
8 / 80 page ![]() 6 Insert Availability - Breakway Twist Pull Insert Arrangement Crimp Termination Solder Termination Total Contacts Contact Size PT-CE PT-SE PT 20 16 12 Service Rating 8-2 X X 2 2 I 8-3 X X 3 3 I 8-4 X X 4 4 I 10-2 X 2 2 I 10-6 X X X 6 6 I 10-98 X X 6 6 I 10-99 X X 7 7 I 12-3 X X X 3 3 II 12-4 X 4 4 I 12-8 X X X 8 8 I 12-10 X X X 10 10 I 12-98 X 10 10 I 14-2 X 2 2 II 14-5 X X X 5 5 II 14-8 X 8 6 2 I 14-12 X X X 12 8 4 I 14-15 X X X 15 14 1 I 14-16 X 4 2 2 II 14-18 X X X 18 18 I 14-19 X X X 19 19 I 14-91 X X 3 3* H.V. 16-6 X 6 6 I 16-8 X X X 8 8 II 16-23 X X X 23 22 1 I 16-26 X X X 26 26 I 16-99 X X 23 21 2 I 18-5 X X 5 5 II 18-11 X X X 11 11 II 18-28 X X 28 26 2 I 18-30 X X X 30 29 1 I 18-32 X X X 32 32 I 18-91 X X 6 6* H.V. 20-8 X 8 8 I 20-16 X X X 16 16 II 20-24 X X 24 24 I 20-25 X 25 25 I 20-27 X X 27 27 I 20-39 X X X 39 37 2 I 20-41 X X X 41 41 I 22-8 X 8 8 II 22-21 X X X 21 21 II 22-25 X 25 25 I 22-32 X X X 32 32 I 22-34 X X 34 34 I 22-36 X X 36 36 I 22-41 X X 41 27 14 I 22-55 X X X 55 55 I 22-96 X 7 7† II 22-97 X 16 16 II 22-99 X 11 11 II 24-31 X 31 31 I 24-61 X X X 61 61 I Amphenol Miniature Breakaway Twist Pull insert availability ® * 5KV Voltage Rating † Size 12 contact for #10 wire. For further information regarding any additional insert patterns available in Breakaway Miniature connectors, please contact Amphenol Aerospace. For availability of shielded coax contacts within Breakaway Miniature connectors contact Amphe- nol.The Breakaway style pages are: PT (solder) breakaway plug is on page 26, the PT-SE (crimp) breakaway plug is on page 38, and the PT-CE (crimp) breakaway plug is on page 48. |