| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC06E8-2S. bảng dữ liệu(PDF) 26 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
PC06E8-2S. bảng dữ liệu(HTML) 26 Page - Amphenol Corporation |
|
26 / 80 page ![]() 24 * PT02H-XX-XXX ** PT02Y-XX-XXX † PT02H-XX-XXX (100) †† PT02Y-XX-XXX (100) All dimensions for reference only. Shell Size Receptacle Front View Receptacle Side View R (TP) S ±.016 A Dia. +.001 –.005 K ±.015 L +.025 –.015 N Dia. +.001 –.005 U +.011 –.010 Z Max. 6 .469 .688 .348 .047 .494 .438 .062 .344 8 .594 .812 .473 .047 .494 .562 .062 .344 10 .719 .938 .590 .047 .494 .672 .062 .344 12 .812 1.031 .750 .047 .494 .781 .062 .344 14 .906 1.125 .875 .047 .494 .906 .062 .344 16 .969 1.219 1.000 .047 .494 1.031 .062 .344 18 1.062 1.312 1.125 .047 .494 1.156 .062 .344 20 1.156 1.438 1.250 .047 .556 1.250 .062 .344 22 1.250 1.562 1.375 .079 .556 1.375 .062 .377 24 1.375 1.688 1.500 .079 .588 1.500 .062 .377 PT02H hermetic box mounting receptacle To complete part number see how to order on page 27. * Solder cup pin contacts without interfacial seal ** Solder cup pin contacts with interfacial seal † Flat eyelet pin contacts without interfacial seal †† Flat eyelet pin contacts with interfacial seal ■ (MMC) located within .0025 of (TP) S S R (TP) R (TP) PT .120 ± .005 Dia. (.147 ± .005 Dia., size 24) SP .150 ± .005 Dia. AN W L Z U 4 Holes |