| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC06E8-2S. bảng dữ liệu(PDF) 71 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
PC06E8-2S. bảng dữ liệu(HTML) 71 Page - Amphenol Corporation |
|
71 / 80 page ![]() 69 Application Tools “SE”, “CE” The following data includes information pertaining to the application tools for crimping, insert- ing and removing size 20, 16, and 12 contacts incorporated in Amphenol® Miniature Cylindri- cal Connectors. All crimping tools included are the “full cycling” type, and when used as specified by the manu- facturer, provide reliable crimped wire to contact termination. Tool frames and turret heads are available from approved tool manufacturers; consult Amphe- nol, Sidney, NY for listings. Assembly instructions are available online at www.amphenol-aerospace.com See the following: L-786 for SE assembly instructions L-658 for CE assembly instructions L-555 for solder type instructions CRIMPING TOOLS FOR PT-SE, SP-SE, PC-SE, MS/PT-SE (MIL-C-26482, Series 1) Connectors Contact Size MS Tool Part Number Tool Frame Turret Head 20 M22520/1-01 M22520/1-02 16 M22520/1-01 M22520/1-02 12 M22520/1-01 M22520/1-02 * Use Daniels TH254 or equivalent FOR PT-CE, SP-CE, PC-CE (Proprietary) Connectors Contact Size MS Tool Part Number Tool Frame Turret Head 20 M22520/1-01* * 16 M22520/1-01* * INSERTION/REMOVAL TOOLS FOR PT-SE, SP-SE, PC-SE, MS/PT-SE (MIL-C-26482, Series 1) Connectors Contact Size Insertion Tool Removal Tool Amphenol® Contact Insertion Pliers Amphenol® Contact Insertion Tool MS Part Number Contact Insertion Tool Amphenol® Contact Removal Tool MS Part Number Contact Removal Tool 20 11-8107-20 11-7401-20 M81969/17-03 11-7880-20 M81969/19-07 16 11-8107-16 11-7401-16 M81969/17-04 11-7880-16 M81969/19-08 12 – – M81969/17-05 – M81969/19-09 FOR PT-CE, SP-CE, PC-CE (Proprietary) Connectors Contact Size Insertion/Removal Tool Contact Insertion Pliers Contact Removal Tool Kit 20 11-6782 11-6900 16 11-6781 11-6900 |