| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD70F3555 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD70F3555 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 88 page ![]() 13 R01DS0141ED0100 Data Sheet Chapter 2 Absolute maximum ratings 2.2 Port voltages Table 2-3 Port Input voltage Parameter Pin Group Symbola a) The symbols reflect all supplies within the device series. Therefore not every symbol is available for each product. Condition Ratings Unit Input voltageb b) The characteristics of the alternative-function pins are the same as those of the port pins unless otherwise specified. PgE0 VI0 E0VDD≤5.5 -0.5 ~ E0VDD+0.5 V PgE1 VI1 E1VDD≤5.5 -0.5 ~ E1VDD+0.5 V PgB0 VI2 B0VDD≤5.5 -0.5 ~ B0VDD+0.5 V PgOSC VI5 OSCVDD≤5.5 -0.5 ~ OSCVDD+0.5 V PgA0 VI3 A0VDD+0.3 V PgA1 VI4 A1VDD+0.3 V |