| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD70F3555 bảng dữ liệu(PDF) 83 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD70F3555 bảng dữ liệu(HTML) 83 Page - Renesas Technology Corp |
|
83 / 88 page ![]() 83 R01DS0141ED0100 Data Sheet Chapter 10 Definition of terms (3) Quantization error This is the error of ±1/2 LSB that always occurs when an analog value is converted into a digital value. Because the A/D converter converts an analog input voltage in a range of ±1/2 LSB into the same digital code, the quantization error is unavoidable. Note that this error is not included in the total error, zero-scale error, full-scale error, integral linearity error, and differential linearity error in the characteristics table. Figure 10-2 Quantization error 1………1 0………0 AVREFP AVREFM 1/2LSB 1/2LSB Quantization error Analog input Quantization error |