công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F676-E/P bảng dữ liệu(PDF) 16 Page - Microchip Technology

tên linh kiện PIC16F676-E/P
Giải thích chi tiết về linh kiện  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/P bảng dữ liệu(HTML) 16 Page - Microchip Technology

Back Button PIC16F676-E/P Datasheet HTML 12Page - Microchip Technology PIC16F676-E/P Datasheet HTML 13Page - Microchip Technology PIC16F676-E/P Datasheet HTML 14Page - Microchip Technology PIC16F676-E/P Datasheet HTML 15Page - Microchip Technology PIC16F676-E/P Datasheet HTML 16Page - Microchip Technology PIC16F676-E/P Datasheet HTML 17Page - Microchip Technology PIC16F676-E/P Datasheet HTML 18Page - Microchip Technology PIC16F676-E/P Datasheet HTML 19Page - Microchip Technology PIC16F676-E/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 132 page
background image
PIC16F630/676
DS40039F-page 16
 2010 Microchip Technology Inc.
2.2.2.4
PIE1 Register
The PIE1 register contains the interrupt enable bits, as
shown in Register 2-4.
REGISTER 2-4:
PIE1 — PERIPHERAL INTERRUPT ENABLE REGISTER 1 (ADDRESS: 8Ch)
Note:
Bit PEIE (INTCON<6>) must be set to
enable any peripheral interrupt.
R/W-0
R/W-0
U-0
U-0
R/W-0
U-0
U-0
R/W-0
EEIE
ADIE
—
—
CMIE
—
—
TMR1IE
bit 7
bit 0
bit 7
EEIE: EE Write Complete Interrupt Enable bit
1 = Enables the EE write complete interrupt
0 = Disables the EE write complete interrupt
bit 6
ADIE: A/D Converter Interrupt Enable bit (PIC16F676 only)
1
= Enables the A/D converter interrupt
0
= Disables the A/D converter interrupt
bit 5-4
Unimplemented: Read as ‘0’
bit 3
CMIE: Comparator Interrupt Enable bit
1
= Enables the comparator interrupt
0
= Disables the comparator interrupt
bit 2-1
Unimplemented: Read as ‘0’
bit 0
TMR1IE: TMR1 Overflow Interrupt Enable bit
1 = Enables the TMR1 overflow interrupt
0 = Disables the TMR1 overflow interrupt
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com