công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F676-E/P bảng dữ liệu(PDF) 55 Page - Microchip Technology

tên linh kiện PIC16F676-E/P
Giải thích chi tiết về linh kiện  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/P bảng dữ liệu(HTML) 55 Page - Microchip Technology

Back Button PIC16F676-E/P Datasheet HTML 51Page - Microchip Technology PIC16F676-E/P Datasheet HTML 52Page - Microchip Technology PIC16F676-E/P Datasheet HTML 53Page - Microchip Technology PIC16F676-E/P Datasheet HTML 54Page - Microchip Technology PIC16F676-E/P Datasheet HTML 55Page - Microchip Technology PIC16F676-E/P Datasheet HTML 56Page - Microchip Technology PIC16F676-E/P Datasheet HTML 57Page - Microchip Technology PIC16F676-E/P Datasheet HTML 58Page - Microchip Technology PIC16F676-E/P Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 55
PIC16F630/676
9.0
SPECIAL FEATURES OF THE
CPU
Certain special circuits that deal with the needs of real
time applications are what sets a microcontroller apart
from other processors. The PIC16F630/676 family has
a host of such features intended to:
• maximize system reliability
• minimize cost through elimination of external
components
• provide power-saving operating modes and offer
code protection
These features are:
• Oscillator selection
• Reset
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Oscillator Start-up Timer (OST)
- Brown-out Detect (BOD)
• Interrupts
• Watchdog Timer (WDT)
• Sleep
• Code protection
• ID Locations
• In-Circuit Serial Programming™
The PIC16F630/676 has a Watchdog Timer that is
controlled by Configuration bits. It runs off its own RC
oscillator for added reliability. There are two timers that
offer necessary delays on power-up. One is the
Oscillator Start-up Timer (OST), intended to keep the
chip in Reset until the crystal oscillator is stable. The
other is the Power-up Timer (PWRT), which provides a
fixed delay of 72 ms (nominal) on power-up only,
designed to keep the part in Reset while the power
supply stabilizes. There is also circuitry to reset the
device if a brown-out occurs, which can provide at least
a 72 ms Reset. With these three functions on-chip,
most applications need no external Reset circuitry.
The Sleep mode is designed to offer a very low current
Power-down mode. The user can wake-up from Sleep
through:
•External Reset
• Watchdog Timer wake-up
• An interrupt
Several oscillator options are also made available to
allow the part to fit the application. The INTOSC option
saves system cost while the LP crystal option saves
power. A set of Configuration bits are used to select
various options (see Register 9-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com