công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F676-E/P bảng dữ liệu(PDF) 67 Page - Microchip Technology

tên linh kiện PIC16F676-E/P
Giải thích chi tiết về linh kiện  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/P bảng dữ liệu(HTML) 67 Page - Microchip Technology

Back Button PIC16F676-E/P Datasheet HTML 63Page - Microchip Technology PIC16F676-E/P Datasheet HTML 64Page - Microchip Technology PIC16F676-E/P Datasheet HTML 65Page - Microchip Technology PIC16F676-E/P Datasheet HTML 66Page - Microchip Technology PIC16F676-E/P Datasheet HTML 67Page - Microchip Technology PIC16F676-E/P Datasheet HTML 68Page - Microchip Technology PIC16F676-E/P Datasheet HTML 69Page - Microchip Technology PIC16F676-E/P Datasheet HTML 70Page - Microchip Technology PIC16F676-E/P Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 67
PIC16F630/676
9.4.1
RA2/INT INTERRUPT
External interrupt on RA2/INT pin is edge-triggered;
either rising if INTEDG bit (OPTION<6>) is set, or
falling, if INTEDG bit is clear. When a valid edge
appears on the RA2/INT pin, the INTF
bit
(INTCON<1>) is set. This interrupt can be disabled by
clearing the INTE control bit (INTCON<4>). The INTF
bit must be cleared in software in the Interrupt Service
Routine before re-enabling this interrupt. The RA2/INT
interrupt can wake-up the processor from Sleep if the
INTE bit was set prior to going into Sleep. The status of
the GIE bit decides whether or not the processor
branches to the interrupt vector following wake-up. See
Section 9.7 “Power-Down Mode (Sleep)” for details
on Sleep and Figure 9-13 for timing of wake-up from
Sleep through RA2/INT interrupt.
9.4.2
TMR0 INTERRUPT
An overflow (FFh
 00h) in the TMR0 register will
set the T0IF (INTCON<2>) bit. The interrupt can
be
enabled/disabled
by
setting/clearing
T0IE
(INTCON<5>) bit. For operation of the Timer0 module,
see Section 4.0 “Timer0 Module”.
9.4.3
PORTA INTERRUPT
An input change on PORTA change sets the RAIF
(INTCON<0>) bit. The interrupt can be enabled/
disabled by setting/clearing the RAIE (INTCON<3>)
bit. Plus individual pins can be configured through the
IOCA register.
9.4.4
COMPARATOR INTERRUPT
See
Section 6.9
“Comparator
Interrupts”
for
description of comparator interrupt.
9.4.5
A/D CONVERTER INTERRUPT
After a conversion is complete, the ADIF flag (PIR<6>)
is set. The interrupt can be enabled/disabled by setting
or clearing ADIE (PIE<6>).
See Section 7.0 “Analog-to-Digital Converter (A/D)
Module (PIC16F676 only)” for operation of the A/D
converter interrupt.
FIGURE 9-11:
INT PIN INTERRUPT TIMING
Note:
The ANSEL (91h) and CMCON (19h)
registers must be initialized to configure an
analog channel as a digital input. Pins
configured as analog inputs will read ‘0’.
The ANSEL register is defined for the
PIC16F676.
Note:
If a change on the I/O pin should occur
when the read operation is being executed
(start of the Q2 cycle), then the RAIF inter-
rupt flag may not get set.
Q2
Q1
Q3 Q4
Q2
Q1
Q3 Q4
Q2
Q1
Q3 Q4
Q2
Q1
Q3 Q4
Q2
Q1
Q3 Q4
OSC1
CLKOUT
INT pin
INTF Flag
(INTCON<1>)
GIE bit
(INTCON<7>)
INSTRUCTION FLOW
PC
Instruction
Fetched
Instruction
Executed
Interrupt Latency
PC
PC + 1
PC + 1
0004h
0005h
Inst (0004h)
Inst (0005h)
Dummy Cycle
Inst (PC)
Inst (PC + 1)
Inst (PC - 1)
Inst (0004h)
Dummy Cycle
Inst (PC)
—
1
4
5
1
2
3
Note 1: INTF flag is sampled here (every Q1).
2: Asynchronous interrupt latency = 3-4 TCY. Synchronous latency = 3 TCY, where TCY = instruction cycle time. Latency
is the same whether Inst (PC) is a single cycle or a 2-cycle instruction.
3: CLKOUT is available only in RC Oscillator mode.
4: For minimum width of INT pulse, refer to AC specs.
5: INTF is enabled to be set any time during the Q4-Q1 cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com