| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F100RC bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F100RC bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 98 page ![]() STM32F100xC, STM32F100xD, STM32F100xE Doc ID 15081 Rev 7 33/98 Figure 6. Memory map APB memory space DMA1 RTC WWDG IWDG SPI2 USART2 USART3 ADC1 USART1 SPI1 EXTI RCC 0 1 2 3 4 5 6 7 Peripherals SRAM reserved reserved Option Bytes Reserved 0x4000 0000 0x4000 0400 0x4000 0800 0x4000 0C00 0x4000 2800 0x4000 2C00 0x4000 3000 0x4000 3400 0x4000 3800 0x4000 3C00 0x4000 4400 0x4000 4800 0x4000 4C00 0x4000 5400 0x4000 5800 0x4000 6C00 0x4000 7000 0x4000 7400 0x4001 0000 0x4001 0400 0x4001 0800 0x4001 0C00 0x4001 1000 0x4001 1400 0x4001 1800 0x4001 2400 0x4001 2800 0x4001 2C00 0x4001 3000 0x4001 3400 0x4001 3800 0x4001 3C00 0x4002 0000 0x4002 0400 0x4002 1000 0x4002 1400 0x4002 2000 0x4002 2400 0x4002 3000 0x4002 3400 0xFFFF FFFF reserved CRC reserved reserved Flash interface DMA2 reserved reserved TIM1 reserved Port F DAC Port D Port C Port B Port A AFIO PWR BKP I2C2 I2C1 reserved TIM4 TIM3 TIM2 0xFFFF FFFF 0xE010 0000 0xE000 0000 0xC000 0000 0xA000 0000 0x8000 0000 0x6000 0000 0x4000 0000 0x2000 0000 0x0000 0000 0x1FFF FFFF 0x1FFF F80F 0x1FFF F800 0x1FFF F000 0x0801 FFFF 0x0800 0000 System memory Flash memory Cortex-M3 internal peripherals ai18400 0x0000 0000 Aliased to Flash or system memory depending on BOOT pins UART4 Port E 0x4001 1C00 0x4001 4C00 0x4001 4800 0x4001 4400 0x4001 4000 reserved TIM17 TIM16 TIM15 0x4000 7C00 0x4000 7800 CEC reserved reserved 0x4000 5C00 TIM6 TIM7 TIM12 0x4000 1000 0x4000 1400 0x4000 1800 Port G 0x4001 2000 0x4000 5000 UART5 SPI3 TIM13 TIM14 0x4000 1C00 0x4000 2000 FSMC external memory 0x7000 0000 FSMC regs TIM5 |