| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS28F256P30B95A bảng dữ liệu(PDF) 94 Page - Micron Technology |
|
|
|||||||||||||||||||||||||||||
JS28F256P30B95A bảng dữ liệu(HTML) 94 Page - Micron Technology |
|
94 / 97 page ![]() P30 Datasheet August 2008 94 306666-12 7. The "current state" is that of the "chip" and not of the "partition"; Each partition "remembers" which output (Array, ID/CFI or Status) it was last pointed to on the last instruction to the "chip", but the next state of the chip does not depend on where the partition's output mux is presently pointing to. 8. Confirm commands (Lock Block, Unlock Block, Lock-Down Block, Configuration Register) perform the operation and then move to the Ready State. 9. WA0 refers to the block address latched during the first write cycle of the current operation. |