| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC875CVR133 bảng dữ liệu(PDF) 72 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC875CVR133 bảng dữ liệu(HTML) 72 Page - Freescale Semiconductor, Inc |
|
72 / 84 page ![]() MPC875/MPC870 PowerQUICC™ Hardware Specifications, Rev. 4 72 Freescale Semiconductor Mechanical Data and Ordering Information 16.1 Pin Assignments Figure 69 shows the JEDEC pinout of the PBGA package as viewed from the top surface. For additional information, see the MPC885 PowerQUICC Family User’s Manual. NOTE The pin numbering starts with B2 in order to conform to the JEDEC standard for 23-mm body size using a 16 × 16 array. NOTE: This is the top view of the device. Figure 69. Pinout of the PBGA Package—JEDEC Standard MODCK2 IPA7 IPA4 D31 D29 D7 D18 D5 D3 D11 D10 N/C EXTCLK MODCK1 OP0 ALEA IPB0 BURST IRQ6 BR TEA BI CS0 CS3 CS5 N/C RSTCONF SRESET BADDR29 OP1 XTAL IPA2 WAITA PORESET EXTAL BADDR30 IPB1 BG GPLA4 GPLA5 WR CE2A CS7 WE2 IPA5 IPA3 VDDSYN AS ALEB IRQ2 BB HRESET BADDR28 IRQ3 D30 IPA6 TS TA BDIP CS2 CE1A GPLAB3 GPLA0 CS1 GPLB4 CS4 GPLAB2 WE0 BSA1 BSA2 B C D E D28 CLKOUT D22 D6 D24 D19 D20 D15 D16 D2 D27 D9 D12 D1 D23 D17 PE22 D4 D8 PE25 TSIZ0 A31 A22 A18 A25 A24 A20 A29 G H J F A27 A17 A15 A16 A11 A13 A7 A9 A5 A4 A0 PB29 K L VDDH M N PE26 PD8 PA1 N/C PB30 PE27 PE20 PE23 MII-TX-EN PE17 PE21 PC7 PB19 PB24 TDI TMS PC12 PA14 N/C PE15 PE29 PE24 PC13 MII-CRS PC10 PB23 PB25 TRST GND P R T PE16 23456 7 89 10 11 12 13 14 15 16 IPA1 D26 D25 D14 D0 PE18 IRQ7 IRQ1 PA3 PB31 PA0 PE14 PE31 PC6 PA6 PC11 TDO PA15 A3 PA4 PE28 PE30 PA11 MII_COL PA7 TCK PB28 PC15 PE19 BSA0 BSA3 TSIZ1 A26 A28 A30 A23 A21 A14 A19 A10 A12 A2 A8 A1 A6 IRQ4 VSSSYN WE1 PA10 D13 D21 VSSSYN1 CS6 OE PA2 PB26 PB27 TEXP 17 U IRQ0 IPA0 MII_MDIO WE3 VDDH VDDH VDDH VDDH VDDH VDDH VDDH VDDH VDDL VDDL VDDL VDDL VDDL VDDL VDDL VDDL GND GND GND GND |