| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9789BBCZ bảng dữ liệu(PDF) 69 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9789BBCZ bảng dữ liệu(HTML) 69 Page - Analog Devices |
|
69 / 76 page ![]() AD9789 Rev. A | Page 69 of 76 In Table 96, “R” represents real data loaded to a given channel, “I” represents the in-phase term, and “Q” represents the quadrature term of complex data. The channel number follows R, I, or Q. Table 96. Channelizer Mode Configurations and Channel Construction: CMOS Interface, Channel Prioritization = 1 Datapath Configuration CMOS Pin Mapping BW DW Format DCO [D31:D28] [D27:D24] [D23:D20] [D19:D16] [D15:D12] [D11:D8] [D7:D4] [D3:D0] 1 R0 2 R0 3 R1 4 R1 5 R2 6 R2 7 R3 4 8 Real 8 R3 Datapath Configuration CMOS Pin Mapping BW DW Format DCO [D31:D28] [D27:D24] [D23:D20] [D19:D16] [D15:D12] [D11:D8] [D7:D4] [D3:D0] 1 I0 2 I0 3 Q0 4 Q0 5 I1 6 I1 7 Q1 8 Q1 9 I2 10 I2 11 Q2 12 Q2 13 I3 14 I3 15 Q3 4 8 Complex 16 Q3 Datapath Configuration CMOS Pin Mapping BW DW Format DCO [D31:D28] [D27:D24] [D23:D20] [D19:D16] [D15:D12] [D11:D8] [D7:D4] [D3:D0] 1 R0 2 R1 3 R2 8 8 Real 4 R3 Datapath Configuration CMOS Pin Mapping BW DW Format DCO [D31:D28] [D27:D24] [D23:D20] [D19:D16] [D15:D12] [D11:D8] [D7:D4] [D3:D0] 1 I0 2 Q0 3 I1 4 Q1 5 I2 6 Q2 7 I3 8 8 Complex 8 Q3 |