công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9789BBCZ bảng dữ liệu(PDF) 47 Page - Analog Devices

tên linh kiện AD9789BBCZ
Giải thích chi tiết về linh kiện  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ bảng dữ liệu(HTML) 47 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 43Page - Analog Devices AD9789BBCZ Datasheet HTML 44Page - Analog Devices AD9789BBCZ Datasheet HTML 45Page - Analog Devices AD9789BBCZ Datasheet HTML 46Page - Analog Devices AD9789BBCZ Datasheet HTML 47Page - Analog Devices AD9789BBCZ Datasheet HTML 48Page - Analog Devices AD9789BBCZ Datasheet HTML 49Page - Analog Devices AD9789BBCZ Datasheet HTML 50Page - Analog Devices AD9789BBCZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
AD9789
Rev. A | Page 47 of 76
Before choosing an interface configuration, divide the frequency
of DCO by the highest frequency baud rate that will be used in
the system and truncate it. The result is the number of available
DCO cycles (cyclesAVAIL) between FS pulses.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
BAUD
DCO
AVAIL
f
f
floor
cycles
max
Each interface configuration requires a particular number of
DCO cycles between FS pulses to successfully load data into all
channels. This number can be calculated using the following
formula:
BW
DW
F
N
cycles
INTERFACE
×
×
=
where:
N is the number of channels enabled (1 to 4). N is always equal
to 4 if channel prioritization is set to 1 (see the Channel
Prioritization section).
F represents the data format. If the data format is real, F = 1;
if the data format is complex, F = 2.
DW is the data width in number of bits (8 or 16).
BW is the bus width in number of bits (4, 8, 16, or 32).
For a successful interface design, the number of DCO cycles
between FS pulses must be greater than the number of DCO
cycles required by the interface.
Design Example
In this example, a system has the baud rate fFS = 6.4 MHz. If a
4-bit-wide interface is desired for four channels with real data
format and a data width of 8 bits, the selected fDCO should be at
least 8 × fFS. First, using Equation 1 and Equation 2, evaluate the
interface speed with N = 1, P/Q = 0.7, and I = 32.
fDAC = 32 × 0.7 × 16 × 6.4 MHz = 2293.76 MHz
fDCO = 2293.76 MHz/(16 × 1) = 143.36 MHz
The fDCO/fBAUD ratio = 22.4. If a value of N = 2 is selected, the
number of available DCO cycles is reduced to 11; this option
may not be feasible when the latency values are taken into
account. See the Latency Effects on Channelizer Mode section
for more information about latency.
Channel Prioritization
When channels are enabled and disabled, the input interface
mapping can be affected. If channel prioritization (Register
0x20[2]) is set to 0, the device expects input samples for only
the channels that are enabled. In this configuration, the physical
channel mapping at the DUT input can move around based on
the number of channels enabled, where Channel 0 has highest
priority (it never moves location when enabled). If channel
prioritization is set to 1, data is expected for all four channels
but the data is ignored internally if the channel is disabled.
This method is recommended because enabling and disabling
channels does not shift the input data bus.
If the number of channels enabled is always less than four and
the user does not plan to enable and disable channels dynamically,
setting channel prioritization to 0 is the best choice because
fewer clocks and/or pins are required to transfer the input data.
An example of channel prioritization set to 0 is shown in Table 62.
In this example, the data interface is configured for CMOS with
32-bit bus width, 8-bit data width, and real data format.
Table 62. Input Mapping vs. Enabled Channels,
Channel Prioritization = 0
CMOS Bit Mapping
Channels
[D31:D24]
[D23:D16]
[D15:D8]
[D7:D0]
4 Channels
Enabled
Channel 3
Channel 2
Channel 1
Channel 0
Channel 0
Disabled
Channel 3
Channel 2
Channel 1
Channel 0,
Channel 2
Disabled
Channel 3
Channel 1
The same example behaves differently when channel prioritization
is set to 1, as shown in Table 63.
Table 63. Input Mapping vs. Enabled Channels,
Channel Prioritization = 1
CMOS Bit Mapping
Channels
[D31:D24]
[D23:D16]
[D15:D8]
[D7:D0]
4 Channels
Enabled
Channel 3
Channel 2
Channel 1
Channel 0
Channel 0
Disabled
Channel 3
Channel 2
Channel 1
Channel 0,
Channel 2
Disabled
Channel 3
Channel 1
Quadrature Digital Upconverter (QDUC) Mode
In QDUC mode (Register 0x20[3] = 1), the data interface is fixed
at a 32-bit bus width, 16-bit data width, and complex data format.
In QDUC mode, only one channel should be enabled. If more
than one channel is enabled, identical I and Q data is sent to
each enabled channel. Within the datapath, the QAM mapper
and the SRRC filter must be bypassed (Register 0x06[7:6] = 11).
IAND Q
16 BITS
IAND Q
16 BITS
IAND Q
16 BITS
IAND Q
16 BITS
32
INPUT
PINS
P0
P1
FS
DCO
CMOS
0TO 15
LVDS
RISE
CMOS
16 TO 31
LVDS
FALL
I
Q
ON
OFF
OFF
OFF
BPF
fC =
0TO
fDAC/2
BPF
fC
Figure 93. QDUC Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com