công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9789BBCZ bảng dữ liệu(PDF) 46 Page - Analog Devices

tên linh kiện AD9789BBCZ
Giải thích chi tiết về linh kiện  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9789BBCZ bảng dữ liệu(HTML) 46 Page - Analog Devices

Back Button AD9789BBCZ Datasheet HTML 42Page - Analog Devices AD9789BBCZ Datasheet HTML 43Page - Analog Devices AD9789BBCZ Datasheet HTML 44Page - Analog Devices AD9789BBCZ Datasheet HTML 45Page - Analog Devices AD9789BBCZ Datasheet HTML 46Page - Analog Devices AD9789BBCZ Datasheet HTML 47Page - Analog Devices AD9789BBCZ Datasheet HTML 48Page - Analog Devices AD9789BBCZ Datasheet HTML 49Page - Analog Devices AD9789BBCZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
AD9789
Rev. A | Page 46 of 76
In LVDS mode, the various interface width options are mapped
to the AD9789 input pins as shown in Table 57. When the inter-
face width is set to 32 bits in LVDS mode, the interface becomes
double data rate (DDR). In DDR mode, the first 16 bits are
sampled on the rising edge of the data sampling clock (DSC,
which is synchronous to DCO), and the second 16 bits are
sampled on the falling edge of DSC. All other interface widths
are single data rate (SDR), where the input data is sampled on
the falling edge of DSC.
Table 57. LVDS Pin Assignments for Various Interface Widths
Interface Width
Pin Assignments
BUSWDTH[1:0]
4 bits
D[3:0]P, D[3:0]N
00
8 bits
D[7:0]P, D[7:0]N
01
16 bits
D[15:0]P, D[15:0]N
10
32 bits
D[15:0]P, D[15:0]N rising
edge and falling edge
11
In nibble or byte loading, the most significant nibble or byte
should be loaded first. Data for Channel 0 should be loaded first
followed by Channel 1, Channel 2, and Channel 3. In complex
data format, the in-phase part should be loaded before the
quadrature part of the data-word. The data bus is LSB justified
when the data for each channel is assembled internally. A few
examples of how the interface maps for different configurations
follow. For more information on how a particular configuration
is mapped, see the Channelizer Mode Pin Mapping for CMOS
and LVDS section.
Example 1
For a CMOS interface with a 32-bit bus width, 8-bit data width,
real data format, and four channels enabled, the data in Table 58
is expected on the input port after data is requested.
Table 58. CMOS Pin Mapping for Bus Width = 32 Bits,
Data Width = 8 Bits, Data Format = Real, Four Channels1
DCO
D[31:24]
D[23:16]
D[15:8]
D[7:0]
1
R3
R2
R1
R0
1 R represents the real data loaded to a given channel; the channel number
follows R.
Example 2
For a CMOS interface with a 32-bit bus width, 8-bit data width,
complex data format, and four channels enabled, the data in
Table 59 is expected on the input port after data is requested.
Table 59. CMOS Pin Mapping for Bus Width = 32 Bits,
Data Width = 8 Bits, Data Format = Complex, Four Channels1
DCO
D[31:24]
D[23:16]
D[15:8]
D[7:0]
1
Q1
I1
Q0
I0
2
Q3
I3
Q2
I2
1 I represents the in-phase term and Q represents the quadrature term of the
complex data loaded to a given channel; the channel number follows I or Q.
Example 3
For an LVDS interface with a 16-bit bus width, 8-bit data width,
complex data format, and four channels enabled, the data in
Table 60 is expected on the input port after data is requested.
Table 60. LVDS Pin Mapping for Bus Width = 16 Bits,
Data Width = 8 Bits, Data Format = Complex, Four Channels1
DCO
D[15:8]P, D[15:8]N
D[7:0]P, D[7:0]N
1
Q0
I0
2
Q1
I1
3
Q2
I2
4
Q3
I3
1 I represents the in-phase term and Q represents the quadrature term of the
complex data loaded to a given channel; the channel number follows I or Q.
Example 4
For an LVDS interface with a 32-bit bus width, 8-bit data width,
complex data format, and four channels enabled, the data in
Table 61 is expected on the input port after data is requested.
Table 61. LVDS Pin Mapping for Bus Width = 32 Bits,
Data Width = 8 Bits, Data Format = Complex, Four Channels1
DCO2
D[15:8]P, D[15:8]N
D[7:0]P, D[7:0]N
1 rise
Q0
I0
1 fall
Q1
I1
2 rise
Q2
I2
2 fall
Q3
I3
1 I represents the in-phase term and Q represents the quadrature term of the
complex data loaded to a given channel; the channel number follows I or Q.
2 “Rise” means that the data is sourced on the rising edge of DCOx; “fall” means
that the data is sourced on the falling edge of DCOx.
DCO and FS Rates in Channelizer Mode
The DCO signal is a data clock output provided to clock data
from the digital data source. The DCO is a divided version of
the DAC clock. The FS signal is an output provided to request a
new data-word. The average frequency of the FS signal (fFS) is
exactly equal to the symbol rate or baud rate (fBAUD) of the data.
FS is intended as a request line; timing should be taken from the
DCO. The frequencies of the DCO signal (fDCO), the baud rate
(fBAUD), and the DAC clock (fDAC) are related as shown by the
following two equations:
BAUD
DAC
f
Q
P
I
f
×
×
×
=
16
(1)
fDCO = fDAC /(16 × N)
(2)
where:
I is the interpolation factor, which can range from 1 to 64.
P/Q is the rate conversion factor (0.5 to 1.0, inclusive).
N is a programmable DCO divide factor set using the
DCODIV[2:0] bits in Register 0x22[6:4].
Set DCODIV[2:0] to 1, 2, or 4. A value of 0 disables the DCO.
A DCODIV value of 3 is not functional. The frequency of the
DSC signal is always equal to DCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com