| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IO4-168P bảng dữ liệu(PDF) 12 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
IO4-168P bảng dữ liệu(HTML) 12 Page - Amphenol Corporation |
|
12 / 44 page ![]() 8 Low Mating Force mother board connector MATES WITH DB AND IO SERIES CONNECTORS Notes: When mating with DB connector, a total of .035 inch minimum radial pilot is available for connector body alignment. All dimensions for reference only. Polarization keys are not supplied as part of MB Connector Series assemblies. See Accessories How to Order, page 5 and further description, page 24. ** Locking/mounting bushings are not supplied as part of MB Connector Series assemblies. See Accessories How to Order, page 5 and further description on page 27. Designates Basic Dimension Consult Amphenol drawing for solderless wrap contact fixturing (datum) hole locations to facilitate connector alignment. Contact Data Description Termination Style Letter H ±.020 J ±.020 K ±.002 Round PCB Stud Solder Termination P .148 .113 .021 Dia. P-(702) .180 .145 .021 Dia. P-(709) .335 .300 .021 Dia. Square Solderless Wrap Termination W .542 .507 .025 Sq. W-(710) .700 .665 .025 Sq. NOTE: Other variations available - see pages 4 and 5, or consult Amphenol Aerospace. A B C .122 2 PLACES +.005 –.000 .010 M -D- H J -X- G K .365 +.002 –.007 .193 MAX .020 M D M MINUS .010 X 4-40 UNC-2B 4-40 UNC-2A .365 .200 ±.025 ALTERNATE LENGTH (10-411196-5) .350 ±.025 LOCKING/MOUNTING BUSHING (10-411196-3) FOR MATING WITH INPUT/OUTPUT CONNECTOR, ACCESSORY ITEM** (See page 27 for alternate mounting variations for Mother Board Connectors). |