công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IO4-168P bảng dữ liệu(PDF) 37 Page - Amphenol Corporation

tên linh kiện IO4-168P
Giải thích chi tiết về linh kiện  Amphenol짰 Low Mating Force Rectangular Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

IO4-168P bảng dữ liệu(HTML) 37 Page - Amphenol Corporation

Back Button IO4-168P Datasheet HTML 33Page - Amphenol Corporation IO4-168P Datasheet HTML 34Page - Amphenol Corporation IO4-168P Datasheet HTML 35Page - Amphenol Corporation IO4-168P Datasheet HTML 36Page - Amphenol Corporation IO4-168P Datasheet HTML 37Page - Amphenol Corporation IO4-168P Datasheet HTML 38Page - Amphenol Corporation IO4-168P Datasheet HTML 39Page - Amphenol Corporation IO4-168P Datasheet HTML 40Page - Amphenol Corporation IO4-168P Datasheet HTML 41Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
33
Custom Hybrid Designs,
Small Color-Coded Brush Connectors
design flexibility
Amphenol can meet innovative connector solutions with
custom designs. Our board level engineers can work with
customers who need special contact arrangements or special
sized inserts.
The special hybrid connector shown at right was developed
for the Vetronics System on a military tank. This custom
shape insert design houses a combination of contact types, a
sealing grommet and it has special mounting/locking screws.
HYBRID CUSTOM CONNECTOR WITH
75 BRUSH DIGITAL CONTACTS,
26 SIZE 16 POWER CONTACTS & 2 SIZE 04 POWER CONTACTS
The following shows a few hybrid configura-
tion connectors that have been developed.
Consult Amphenol Aerospace for assistance
in solving design problems and for part
numbers that will provide the proper
combination of these hybrid configurations
to meet your specific connector application
requirements.
Hybrid: 15 B3
Brush contacts, 4 size 12 power/coax/twinax contacts
Hybrid: 30 B3
brush contacts, 10 size 12 power/coax/twinax contacts
SMALL COLOR-CODED BRUSH CONTACT
CONNECTORS DESIGNED FOR MEDICAL
INSTRUMENTATION
Amphenol has responded to the needs of the medical
industry by offering even smaller inserts with brush contacts.
These small profile, but highly reliable interconnects, are
ideal for medical and test equipment such as patient monitor-
ing systems. Color coding of these connectors was a market-
driven requirement for frequent plugging and unplugging on
equipment, so Amphenol provides these small sized brush
connectors in a variety of color materials.
SMALL COLOR-CODED BRUSH CONNECTORS WITH AS
FEW AS 5 CONTACTS PER CONNECTOR
Hybrid: 30 B3 brush contacts,
6 size 12 power/coax/twinax contacts
Hybrid: 40 B3
brush contacts, 16 size 16 power/coax/twinax contacts
Hybrid: 40 B3 Brush contacts,
4 size 16 power/coax/twinax contacts
Hybrid: 10 B3
brush contacts, 4 size 16 power/coax/twinax contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com