công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP1650 bảng dữ liệu(PDF) 18 Page - Microchip Technology

tên linh kiện MCP1650
Giải thích chi tiết về linh kiện  750 kHz Boost Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650 bảng dữ liệu(HTML) 18 Page - Microchip Technology

Back Button MCP1650_13 Datasheet HTML 14Page - Microchip Technology MCP1650_13 Datasheet HTML 15Page - Microchip Technology MCP1650_13 Datasheet HTML 16Page - Microchip Technology MCP1650_13 Datasheet HTML 17Page - Microchip Technology MCP1650_13 Datasheet HTML 18Page - Microchip Technology MCP1650_13 Datasheet HTML 19Page - Microchip Technology MCP1650_13 Datasheet HTML 20Page - Microchip Technology MCP1650_13 Datasheet HTML 21Page - Microchip Technology MCP1650_13 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
MCP1650/51/52/53
DS21876B-page 18
 2004-2013 Microchip Technology Inc.
To
determine
the
maximum
inductance
for
Discontinuous Operating mode, multiply the energy
going into the inductor every switching cycle by the
number of cycles per second (switching frequency).
This number must be greater than the maximum input
power.
The equation for the energy flowing into the inductor is
given below. The input power to the system is equal to
energy times time.
The inductor peak current is calculated using the
equation below:
Using a typical inductance of 3.3 µH, the peak current
in the inductor is calculated below:
At 3.8V and below, the converter can boost to 14V
while operating in the Continuous mode.
For this example, a 3.3 µH inductor is too large, a
2.2 µH inductor is selected.
As the inductance is lowered, the peak current drawn
from the input at all loads is increased. The best choice
of inductance for high boost ratios is the maximum
inductance
value
necessary
while
maintaining
discontinuous operation.
For lower boost-ratio applications (3.3V to 5.0V), a
3.3 µH inductor or larger is recommended. In these
cases, the inductor operates in Continuous Current
mode.
5.2.2
MOSFET SELECTION
There are a couple of key consideration’s when
selecting the proper MOSFET for the boost design. A
low
RDSON logic-level N-channel
MOSFET
is
recommended.
5.2.2.1
MOSFET Selection Process.
1.
Voltage Rating - The MOSFET drain-to-source
voltage must be rated for a minimum of VOUT +
VFD of the external boost diode. For example, in
the 12V output converter, a MOSFET drain-to-
source voltage rating of 12V + 0.5V is
necessary. Typically, a 20V part can be used for
12V outputs.
2.
Logic-Level RDSON - The MOSFET carries
significant current during the boost cycle on
time. During this time, the peak current in the
MOSFET can get quite high. In this example, a
SOT-23 MOSFET was used with the following
ratings:
Selecting MOSFETs with lower RDSON is not always
better or more efficient. Lower RDSON typically results
in higher total gate charge and input capacitance, slow-
ing the transition time of the MOSFET and resulting in
increased switching losses.
5.2.3
DIODE SELECTION
The external boost diode also switches on and off at the
switching frequency and requires very fast turn-on and
turn-off times. For most applications, Schottky diodes
are recommended. The voltage rating of the Schottky
diode must be rated for maximum boost output voltage.
For example, 12V output boost converter, the diode
should be rated for 12V plus margin. A 20V or 30V
Schottky diode is recommended for a 12V output appli-
cation. Schottky diodes also have low forward-drop
characteristics, another desired feature for switching
power supply applications.
FSW =750 kHz
TON =(1/FSW * Duty Cycle)
IPK (2.8V) = 905 mA
Energy (2.8V) = 1.35 µ-Joules
Power (2.8V) = 1.01 Watts
IPK (3.8V) = 860 mA
Energy at 3.8V
=
1.22 µ-Joules
Power
=
0.914 Watts
FSW = 750 kHz
TON =(1/FSW * Duty Cycle)
IPK (2.8V) = 1.36A
Energy (2.8V) = 2.02 µ-Joules
Power (2.8V) = 1.52 Watts
IPK(3.8V) = 1.29A
Energy at 3.8V = 1.83 µ-Joules
Power = 1.4 Watts
Energy
1
2
---
LI
PK
2
=
I
PK
V
IN
L
--------
T
ON
=
IRLM2502 N-channel MOSFET
VBDS = 20V (Drain Source Breakdown
Voltage)
RDSON = 50 milli-ohms (VGS = 2.5V)
RDSON = 35 milli-ohms (VGS = 5.0V)
QG = Total Gate Charge = 8 nC
VGS = 0.6V to 1.2V (Gate Source Threshold
Voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com