công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP1650 bảng dữ liệu(PDF) 27 Page - Microchip Technology

tên linh kiện MCP1650
Giải thích chi tiết về linh kiện  750 kHz Boost Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650 bảng dữ liệu(HTML) 27 Page - Microchip Technology

Back Button MCP1650_13 Datasheet HTML 22Page - Microchip Technology MCP1650_13 Datasheet HTML 23Page - Microchip Technology MCP1650_13 Datasheet HTML 24Page - Microchip Technology MCP1650_13 Datasheet HTML 25Page - Microchip Technology MCP1650_13 Datasheet HTML 26Page - Microchip Technology MCP1650_13 Datasheet HTML 27Page - Microchip Technology MCP1650_13 Datasheet HTML 28Page - Microchip Technology MCP1650_13 Datasheet HTML 29Page - Microchip Technology MCP1650_13 Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
 2004-2013 Microchip Technology Inc.
DS21876B-page 27
MCP1650/51/52/53
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device
MCP1650: 750 kHz Boost Controller
MCP1651: 750 kHz Boost Controller
MCP1652: 750 kHz Boost Controller
MCP1653: 750 kHz Boost Controller
UVLO Options
R
= 2.0V
S= 2.55V
Temperature Range
E
=
-40
C to +125C
Package
MS
= Plastic Micro Small Outline (MSOP), 8-lead
UN
= Plastic Micro Small Outline (MSOP), 10-lead
PART NO.
X
XX
Package
Temperature
Range
Device
X
UVLO
Options
Examples:
a)
MCP1650R-E/MS:
2.0V Option
b)
MCP1650RT-E/MS:
2.0V Option,
Tape and Reel
c)
MCP1650S-E/MS:
2.55V Option
d)
MCP1650ST-E/MS:
2.55V Option,
Tape and Reel
a)
MCP1651R-E/MS:
2.0V Option
b)
MCP1651RT-E/MS:
2.0V Option,
Tape and Reel
c)
MCP1651S-E/MS:
2.55V Option
d)
MCP1651ST-E/MS:
2.55V Option,
Tape and Reel
a)
MCP1652R-E/MS:
2.0V Option
b)
MCP1652RT-E/MS:
2.0V Option,
Tape and Reel
c)
MCP1652S-E/MS:
2.55V Option
d)
MCP1652ST-E/MS:
2.55V Option,
Tape and Reel
a)
MCP1653R-E/UN:
2.0V Option
b)
MCP1653RT-E/UN:
2.0V Option,
Tape and Reel
c)
MCP1653S-E/UN:
2.55V Option
d)
MCP1653ST-E/UN:
2.55V Option,
Tape and Reel
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com