| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F685 bảng dữ liệu(PDF) 71 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685 bảng dữ liệu(HTML) 71 Page - Microchip Technology |
|
71 / 306 page ![]() © 2008 Microchip Technology Inc. DS41262E-page 69 PIC16F631/677/685/687/689/690 4.3 PORTB and TRISB Registers PORTB is a 4-bit wide, bidirectional port. The corresponding data direction register is TRISB (Register 4-6). Setting a TRISB bit (= 1) will make the corresponding PORTB pin an input (i.e., put the corresponding output driver in a High-Impedance mode). Clearing a TRISB bit (= 0) will make the corresponding PORTB pin an output (i.e., enable the output driver and put the contents of the output latch on the selected pin). Example 4-3 shows how to initialize PORTB. Reading the PORTB register (Register 4-5) reads the status of the pins, whereas writing to it will write to the PORT latch. All write operations are read-modify-write operations. Therefore, a write to a port implies that the port pins are read, this value is modified and then written to the PORT data latch. The TRISB register controls the PORTB pin output drivers, even when they are being used as analog inputs. The user should ensure the bits in the TRISB register are maintained set when using them as analog inputs. I/O pins configured as analog input always read ‘0’. EXAMPLE 4-3: INITIALIZING PORTB 4.4 Additional PORTB Pin Functions PORTB pins RB<7:4> on the device family device have an interrupt-on-change option and a weak pull-up option. The following three sections describe these PORTB pin functions. 4.4.1 WEAK PULL-UPS Each of the PORTB pins has an individually configurable internal weak pull-up. Control bits WPUB<7:4> enable or disable each pull-up (see Register 4-9). Each weak pull up is automatically turned off when the port pin is configured as an output. All pull-ups are disabled on a Power-on Reset by the RABPU bit of the OPTION register. 4.4.2 INTERRUPT-ON-CHANGE Four of the PORTB pins are individually configurable as an interrupt-on-change pin. Control bits IOCB<7:4> enable or disable the interrupt function for each pin. Refer to Register 4-10. The interrupt-on-change feature is disabled on a Power-on Reset. For enabled interrupt-on-change pins, the present value is compared with the old value latched on the last read of PORTB to determine which bits have changed or mismatch the old value. The ‘mismatch’ outputs are OR’d together to set the PORTB Change Interrupt flag bit (RABIF) in the INTCON register (Register 2-3). This interrupt can wake the device from Sleep. The user, in the Interrupt Service Routine, clears the interrupt by: a) Any read or write of PORTB. This will end the mismatch condition. b) Clear the flag bit RABIF. A mismatch condition will continue to set flag bit RABIF. Reading or writing PORTB will end the mismatch condition and allow flag bit RABIF to be cleared. The latch holding the last read value is not affected by a MCLR nor Brown-out Reset. After these Resets, the RABIF flag will continue to be set if a mismatch is present. Note: The ANSELH register must be initialized to configure an analog channel as a digital input. Pins configured as analog inputs will read ‘0’. BCF STATUS,RP0 ;Bank 0 BCF STATUS,RP1 ; CLRF PORTB ;Init PORTB BSF STATUS,RP0 ;Bank 1 MOVLW FFh ;Set RB<7:4> as inputs MOVWF TRISB ; BCF STATUS,RP0 ;Bank 0 Note: If a change on the I/O pin should occur when the read operation is being executed (start of the Q2 cycle), then the RABIF interrupt flag may not get set. Furthermore, since a read or write on a port affects all bits of that port, care must be taken when using multiple pins in Interrupt-on-Change mode. Changes on one pin may not be seen while servicing changes on another pin. REGISTER 4-7: PORTB: PORTB REGISTER R/W-x R/W-x R/W-x R/W-x U-0 U-0 U-0 U-0 RB7 RB6 RB5 RB4 — — — — bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-4 RB<7:4>: PORTB I/O Pin bit 1 = Port pin is > VIH 0 = Port pin is < VIL bit 3-0 Unimplemented: Read as ‘0’ |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |