công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F685 bảng dữ liệu(PDF) 27 Page - Microchip Technology

tên linh kiện PIC16F685
Giải thích chi tiết về linh kiện  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 bảng dữ liệu(HTML) 27 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 23Page - Microchip Technology PIC16F685 Datasheet HTML 24Page - Microchip Technology PIC16F685 Datasheet HTML 25Page - Microchip Technology PIC16F685 Datasheet HTML 26Page - Microchip Technology PIC16F685 Datasheet HTML 27Page - Microchip Technology PIC16F685 Datasheet HTML 28Page - Microchip Technology PIC16F685 Datasheet HTML 29Page - Microchip Technology PIC16F685 Datasheet HTML 30Page - Microchip Technology PIC16F685 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 25
PIC16F631/677/685/687/689/690
2.0
MEMORY ORGANIZATION
2.1
Program Memory Organization
The PIC16F631/677/685/687/689/690 has a 13-bit
program counter capable of addressing an 8K x 14
program memory space. Only the first 1K x 14
(0000h-03FFh) is physically implemented for the
PIC16F631, the first 2K x 14 (0000h-07FFh) for the
PIC16F677/PIC16F687,
and
the
first
4K x 14
(0000h-0FFFh) for the PIC16F685/PIC16F689/
PIC16F690. Accessing a location above these
boundaries will cause a wraparound. The Reset vector
is at 0000h and the interrupt vector is at 0004h (see
Figures 2-1 through 2-3).
FIGURE 2-1:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16F631
FIGURE 2-2:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16F685/689/690
FIGURE 2-3:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16F677/PIC16F687
PC<12:0>
13
0000h
0004h
0400h
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
CALL, RETURN
RETFIE, RETLW
Stack Level 2
Access 0-3FFh
0005h
03FFh
Page 0
On-Chip
Memory
PC<12:0>
13
0000h
0004h
1000h
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
CALL, RETURN
RETFIE, RETLW
Stack Level 2
Access 0-FFFh
0005h
07FFh
0800h
Page 0
Page 1
0FFFh
On-Chip
Program
Memory
PC<12:0>
13
0000h
0004h
0800h
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
CALL, RETURN
RETFIE, RETLW
Stack Level 2
Access 0-7FFh
0005h
07FFh
Page 0
On-Chip
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com