công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F685 bảng dữ liệu(PDF) 45 Page - Microchip Technology

tên linh kiện PIC16F685
Giải thích chi tiết về linh kiện  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 bảng dữ liệu(HTML) 45 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 41Page - Microchip Technology PIC16F685 Datasheet HTML 42Page - Microchip Technology PIC16F685 Datasheet HTML 43Page - Microchip Technology PIC16F685 Datasheet HTML 44Page - Microchip Technology PIC16F685 Datasheet HTML 45Page - Microchip Technology PIC16F685 Datasheet HTML 46Page - Microchip Technology PIC16F685 Datasheet HTML 47Page - Microchip Technology PIC16F685 Datasheet HTML 48Page - Microchip Technology PIC16F685 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 43
PIC16F631/677/685/687/689/690
2.2.2.8
PCON Register
The Power Control (PCON) register (see Register 2-8)
contains flag bits to differentiate between a:
• Power-on Reset (POR)
• Brown-out Reset (BOR)
• Watchdog Timer Reset (WDT)
• External MCLR Reset
The PCON register also controls the Ultra Low-Power
Wake-up and software enable of the BOR.
REGISTER 2-8:
PCON: POWER CONTROL REGISTER
U-0
U-0
R/W-0
R/W-1
U-0
U-0
R/W-0
R/W-x
—
—
ULPWUE
SBOREN(1)
—
—POR
BOR
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5
ULPWUE: Ultra Low-Power Wake-up Enable bit
1
= Ultra Low-Power Wake-up enabled
0
= Ultra Low-Power Wake-up disabled
bit 4
SBOREN: Software BOR Enable bit(1)
1
= BOR enabled
0
= BOR disabled
bit 3-2
Unimplemented: Read as ‘0’
bit 1
POR: Power-on Reset Status bit
1
= No Power-on Reset occurred
0
= A Power-on Reset occurred (must be set in software after a Power-on Reset occurs)
bit 0
BOR: Brown-out Reset Status bit
1
= No Brown-out Reset occurred
0
= A Brown-out Reset occurred (must be set in software after a Brown-out Reset occurs)
Note 1:
BOREN<1:0> = 01 in the Configuration Word register for this bit to control the BOR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com