công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F685 bảng dữ liệu(PDF) 43 Page - Microchip Technology

tên linh kiện PIC16F685
Giải thích chi tiết về linh kiện  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F685 bảng dữ liệu(HTML) 43 Page - Microchip Technology

Back Button PIC16F685 Datasheet HTML 39Page - Microchip Technology PIC16F685 Datasheet HTML 40Page - Microchip Technology PIC16F685 Datasheet HTML 41Page - Microchip Technology PIC16F685 Datasheet HTML 42Page - Microchip Technology PIC16F685 Datasheet HTML 43Page - Microchip Technology PIC16F685 Datasheet HTML 44Page - Microchip Technology PIC16F685 Datasheet HTML 45Page - Microchip Technology PIC16F685 Datasheet HTML 46Page - Microchip Technology PIC16F685 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 41
PIC16F631/677/685/687/689/690
2.2.2.6
PIR1 Register
The PIR1 register contains the interrupt flag bits, as
shown in Register 2-6.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the global
enable bit, GIE of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear
prior to enabling an interrupt.
REGISTER 2-6:
PIR1: PERIPHERAL INTERRUPT REQUEST REGISTER 1
U-0
R/W-0
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
—
ADIF(5)
RCIF(3)
TXIF(3)
SSPIF(4)
CCP1IF(2)
TMR2IF(1)
TMR1IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
ADIF: A/D Converter Interrupt Flag bit(5)
1
= A/D conversion complete (must be cleared in software)
0
= A/D conversion has not completed or has not been started
bit 5
RCIF: EUSART Receive Interrupt Flag bit(3)
1
= The EUSART receive buffer is full (cleared by reading RCREG)
0
= The EUSART receive buffer is not full
bit 4
TXIF: EUSART Transmit Interrupt Flag bit(3)
1
= The EUSART transmit buffer is empty (cleared by writing to TXREG)
0
= The EUSART transmit buffer is full
bit 3
SSPIF: Synchronous Serial Port (SSP) Interrupt Flag bit(4)
1
= The Transmission/Reception is complete (must be cleared in software)
0
= Waiting to Transmit/Receive
bit 2
CCP1IF: CCP1 Interrupt Flag bit(2)
Capture mode:
1
= A TMR1 register capture occurred (must be cleared in software)
0
= No TMR1 register capture occurred
Compare mode:
1
= A TMR1 register compare match occurred (must be cleared in software)
0
= No TMR1 register compare match occurred
PWM mode:
Unused in this mode
bit 1
TMR2IF: Timer2 to PR2 Interrupt Flag bit(1)
1
= A Timer2 to PR2 match occurred (must be cleared in software)
0
= No Timer2 to PR2 match occurred
bit 0
TMR1IF: Timer1 Overflow Interrupt Flag bit
1
= The TMR1 register overflowed (must be cleared in software)
0
= The TMR1 register did not overflow
Note 1:
PIC16F685/PIC16F690 only.
2:
PIC16F685/PIC16F689/PIC16F690 only.
3:
PIC16F687/PIC16F689/PIC16F690 only.
4:
PIC16F677/PIC16F687/PIC16F689/PIC16F690 only.
5:
PIC16F677/PIC16F685/PIC16F687/PIC16F689/PIC16F690 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com