| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS28F128P33TF70A bảng dữ liệu(PDF) 86 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
JS28F128P33TF70A bảng dữ liệu(HTML) 86 Page - Microchip Technology |
|
86 / 88 page ![]() P33-65nm Datasheet Jul 2011 86 Order Number: 208034-04 Block : A group of bits, bytes, or words within the flash memory array that erase simultaneously. The P33-65nm has two block sizes: 32 KByte and 128 KByte. Main block : An array block that is usually used to store code and/or data. Main blocks are larger than parameter blocks. Parameter block : An array block that may be used to store frequently changing data or small system parameters that traditionally would be stored in EEPROM. Top parameter device : A device with its parameter blocks located at the highest physical address of its memory map. Bottom parameter device : A device with its parameter blocks located at the lowest physical address of its memory map. |