| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS28F128P33TF70A bảng dữ liệu(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
JS28F128P33TF70A bảng dữ liệu(HTML) 39 Page - Microchip Technology |
|
39 / 88 page ![]() Datasheet Jul 2011 39 Order Number:208034-04 P33-65nm SBC 11.1.7 WAIT Delay (RCR.8) The WAIT Delay (WD) bit controls the WAIT assertion-delay behavior during synchronous burst reads. WAIT can be asserted either during or one data cycle before valid data is output on DQ[15:0]. When WD is set, WAIT is deasserted one data cycle before valid data (default). When WD is cleared, WAIT is deasserted during valid data. 11.1.8 Burst Sequence (RCR.7) The Burst Sequence (BS) bit selects linear-burst sequence (default). Only linear-burst sequence is supported. Table 16 shows the synchronous burst sequence for all burst lengths, as well as the effect of the Burst Wrap (BW) setting. Table 16: Burst Sequence Word Ordering Start Addr. (DEC) Burst Wrap (RCR.3) Burst Addressing Sequence (DEC) 4-Word Burst (BL[2:0] = 0b001) 8-Word Burst (BL[2:0] = 0b010) 16-Word Burst (BL[2:0] = 0b011) Continuous Burst (BL[2:0] = 0b111) 0 0 0-1-2-3 0-1-2-3-4-5-6-7 0-1-2-3-4…14-15 0-1-2-3-4-5-6-… 1 0 1-2-3-0 1-2-3-4-5-6-7-0 1-2-3-4-5…15-0 1-2-3-4-5-6-7-… 2 0 2-3-0-1 2-3-4-5-6-7-0-1 2-3-4-5-6…15-0-1 2-3-4-5-6-7-8-… 3 0 3-0-1-2 3-4-5-6-7-0-1-2 3-4-5-6-7…15-0-1-2 3-4-5-6-7-8-9-… 40 4-5-6-7-0-1-2-3 4-5-6-7-8…15-0-1-2-3 4-5-6-7-8-9-10… 50 5-6-7-0-1-2-3-4 5-6-7-8-9…15-0-1-2-3- 4 5-6-7-8-9-10-11… 60 6-7-0-1-2-3-4-5 6-7-8-9-10…15-0-1-2- 3-4-5 6-7-8-9-10-11-12-… 70 7-0-1-2-3-4-5-6 7-8-9-10…15-0-1-2-3- 4-5-6 7-8-9-10-11-12-13… 14 0 14-15-0-1-2…12-13 14-15-16-17-18-19-20- … 15 0 15-0-1-2-3…13-14 15-16-17-18-19-20-21- … 0 1 0-1-2-3 0-1-2-3-4-5-6-7 0-1-2-3-4…14-15 0-1-2-3-4-5-6-… 1 1 1-2-3-4 1-2-3-4-5-6-7-8 1-2-3-4-5…15-16 1-2-3-4-5-6-7-… 2 1 2-3-4-5 2-3-4-5-6-7-8-9 2-3-4-5-6…16-17 2-3-4-5-6-7-8-… 3 1 3-4-5-6 3-4-5-6-7-8-9-10 3-4-5-6-7…17-18 3-4-5-6-7-8-9-… 41 4-5-6-7-8-9-10-11 4-5-6-7-8…18-19 4-5-6-7-8-9-10… 51 5-6-7-8-9-10-11-12 5-6-7-8-9…19-20 5-6-7-8-9-10-11… 61 6-7-8-9-10-11-12-13 6-7-8-9-10…20-21 6-7-8-9-10-11-12-… 71 7-8-9-10-11-12-13-14 7-8-9-10-11…21-22 7-8-9-10-11-12-13… 14 1 14-15-16-17-18…28-29 14-15-16-17-18-19-20- … 15 1 15-16-17-18-19…29-30 15-16-17-18-19-20-21- … |