công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JS28F320J3C110 bảng dữ liệu(PDF) 40 Page - Intel Corporation

tên linh kiện JS28F320J3C110
Giải thích chi tiết về linh kiện  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3C110 bảng dữ liệu(HTML) 40 Page - Intel Corporation

Back Button JS28F320J3C110 Datasheet HTML 36Page - Intel Corporation JS28F320J3C110 Datasheet HTML 37Page - Intel Corporation JS28F320J3C110 Datasheet HTML 38Page - Intel Corporation JS28F320J3C110 Datasheet HTML 39Page - Intel Corporation JS28F320J3C110 Datasheet HTML 40Page - Intel Corporation JS28F320J3C110 Datasheet HTML 41Page - Intel Corporation JS28F320J3C110 Datasheet HTML 42Page - Intel Corporation JS28F320J3C110 Datasheet HTML 43Page - Intel Corporation JS28F320J3C110 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
40
Datasheet
Table 18. Status Register Definitions
WSMS
ESS
ECLBS
PSLBS
VPENS
PSS
DPS
R
bit 7
bit 6
bit 5
bit 4
bit 3
bit2
bit 1
bit 0
High Z
When
Busy?
Status Register Bits
Notes
No
Yes
Yes
Yes
Yes
Yes
Yes
Yes
SR.7 = WRITE STATE MACHINE STATUS
1 = Ready
0 = Busy
SR.6 = ERASE SUSPEND STATUS
1 = Block Erase Suspended
0 = Block Erase in Progress/Completed
SR.5 = ERASE AND CLEAR LOCK-BITSSTATUS
1 = Error in Block Erasure or Clear Lock-Bits
0 = Successful Block Erase or Clear Lock-Bits
SR.4 = PROGRAM AND SET LOCK-BIT STATUS
1 = Program Error / Error in Setting Lock-Bit
0 = Successful Program/Set Block Lock Bit
SR.3 = PROGRAMMING VOLTAGE STATUS
1 = Low Programming Voltage Detected, Operation
Aborted
0 = Programming Voltage OK
SR.2 = PROGRAM SUSPEND STATUS
1 = Program suspended
0 = Program in progress/completed
SR.1 = DEVICE PROTECT STATUS
1 = Block Lock-Bit Detected, Operation Abort
0 = Unlock
SR0 = RESERVED FOR FUTURE ENHANCEMENTS
Check STS or SR.7 to determine block erase,
program, or lock-bit configuration completion.
SR[6:0] are not driven while SR.7 = “0.”
If both SR.5 and SR.4 are “1”s after a block erase or
lock-bit configuration attempt, an improper
command sequence was entered.
SR.3 does not provide a continuous programming
voltage level indication. The WSM interrogates and
indicates the programming voltage level only after
Block Erase, Program, Set Block Lock-Bit, or Clear
Block Lock-Bits command sequences.
SR.1 does not provide a continuous indication of
block lock-bit values. The WSM interrogates the
block lock-bits only after Block Erase, Program, or
Lock-Bit configuration command sequences. It
informs the system, depending on the attempted
operation, if the block lock-bit is set. Read the block
lock configuration codes using the Read Identifier
Codes command to determine block lock-bit status.
SR0 is reserved for future use and should be
masked when polling the Status Register.
Table 19. Extended Status Register Definitions
WBS
Reserved
bit 7
Bits 6 -- 0
High Z
When
Busy?
Status Register Bits
Notes
No
Yes
XSR.7 = WRITE BUFFER STATUS
1 = Write buffer available
0 = Write buffer not available
XSR.6–XSR0 = RESERVED FOR FUTURE
ENHANCEMENTS
After a Buffer-Write command, XSR.7 = 1 indicates
that a Write Buffer is available.
SR[6:0] are reserved for future use and should be
masked when polling the Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com