công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JS28F320J3C110 bảng dữ liệu(PDF) 14 Page - Intel Corporation

tên linh kiện JS28F320J3C110
Giải thích chi tiết về linh kiện  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3C110 bảng dữ liệu(HTML) 14 Page - Intel Corporation

Back Button JS28F320J3C110 Datasheet HTML 10Page - Intel Corporation JS28F320J3C110 Datasheet HTML 11Page - Intel Corporation JS28F320J3C110 Datasheet HTML 12Page - Intel Corporation JS28F320J3C110 Datasheet HTML 13Page - Intel Corporation JS28F320J3C110 Datasheet HTML 14Page - Intel Corporation JS28F320J3C110 Datasheet HTML 15Page - Intel Corporation JS28F320J3C110 Datasheet HTML 16Page - Intel Corporation JS28F320J3C110 Datasheet HTML 17Page - Intel Corporation JS28F320J3C110 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
14
Datasheet
4.0
Ballout and Signal Descriptions
Intel StrataFlash® memory is available in three package types. Each density of the J3C is supported
on both 64-ball Easy BGA and 56-lead Thin Small Outline Package (TSOP) packages. A 48-ball
VF BGA package is available on 32 and 64 Mbit devices. Figure 6, Figure 7, and Figure 8 show the
pinouts.
4.1
Easy BGA Ballout (32/64/128/256 Mbit)
NOTES:
1. Address A22 is only valid on 64-Mbit densities and above, otherwise, it is a no connect (NC).
2. Address A23 is only valid on 128-Mbit densities and above, otherwise, it is a no connect (NC).
3. Address A24 is only valid on 256-Mbit densities and above, otherwise, it is a no connect (NC).
Figure 6. Intel StrataFlash® Memory Easy BGA Ballout (32/64/128/256 Mbit)
Easy BGA
Top View- Ball side down
1
8
23
4
5
67
CE2# RFU
D13
VSS
D7
A24
256M
VSS
H
WE#
G
BYTE#
OE#
F
E
STS
D
A4
A5
A11
RFU
RP#
A16
A17
RFU
C
A3
A7
A10
A15
A12
A20 A21
RFU
B
A2
VSS
A9
A14
CEO#
A19 CE1#
RFU
A
A1
A6
A8
A13
VPEN
A18
A22
VCC
A23
128M
A0
D2
D5
VCCQ
D14
D6
D0
D10
D12
D11
RFU
RFU
D8
D1
D9
D4
D3
D15
RFU
Easy BGA
Bottom View- Ball side up
1
82
3
4
5
6
7
CE2#
RFU
D13
VSS
D7
A24
256M
VSS
H
WE#
G
BYTE#
OE#
F
E
STS
D
A4
A5
A11
RFU RP#
A16
A17
RFU
C
A3
A7
A10
A15
A12
A20
A21
RFU
B
A2
VSS
A9
A14 CEO#
A19
CE1#
RFU
A
A1
A6
A8
A13 VPEN
A18
A22
VCC
A23
128M
A0
D2
D5 VCCQ
D14
D6
D0
D10
D12 D11
RFU RFU
D8
D1
D9
D4
D3
D15 RFU
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72